Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS72 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74HCS72
Description  SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS72 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HCS72 Datasheet HTML 8Page - Texas Instruments SN74HCS72 Datasheet HTML 9Page - Texas Instruments SN74HCS72 Datasheet HTML 10Page - Texas Instruments SN74HCS72 Datasheet HTML 11Page - Texas Instruments SN74HCS72 Datasheet HTML 12Page - Texas Instruments SN74HCS72 Datasheet HTML 13Page - Texas Instruments SN74HCS72 Datasheet HTML 14Page - Texas Instruments SN74HCS72 Datasheet HTML 15Page - Texas Instruments SN74HCS72 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
SN74HCS72-Q1
SCLS774 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Output Considerations
In general, the load needs to be considered in the design to determine if the device will have the capability to
drive it. For this application, we assume that the flip-flop output is transmitting over a relatively short trace (under
10 cm) to a CMOS input.
Primary load factors to consider:
•
Load Capacitance: approximately 15 pF
–
See the Switching Characteristics section for the capacitive loads tested with this device.
–
Increasing capacitance will proportionally increase output transition times.
–
Decreasing capacitance will proportionally decrease output transition times, and can produce ringing due
to very fast transition rates. A 25-Ω resistor can be added in series with the output if ringing needs to be
dampened.
•
Load Current: expected maximum of 10 µA
–
Leakage current into connected devices.
–
Parasitic current from other components.
–
Resistive load current.
•
Output Voltage: see Electrical Characteristics for output voltage ratings at a given current.
–
Output HIGH (VOH) and output LOW (VOL) voltage levels affect the input voltage, VIH and VIL, respectively,
to subsequent devices.
9.2.1.2 Input Considerations
The SN74HCS72-Q1 has Schmitt-trigger inputs. Schmitt-trigger inputs have no limitation on transition rate,
however the input voltage must be larger than VT+(max) to be guaranteed to be read as a logic high, and below
VT-(min) to be guaranteed to be read as a logic low, as defined in the Electrical Characteristics. Do not exceed the
values specified in the Absolute Maximum Ratings or the device could be damaged.
9.2.1.3 Timing Considerations
The SN74HCS72-Q1 is a clocked device. As such, it requires special timing considerations to ensure normal
operation.
Primary timing factors to consider:
•
Maximum clock frequency: the maximum operating clock frequency defined in Timing Characteristics is the
maximum frequency at which the device is guaranteed to function. This value refers specifically to the
triggering waveform, measuring from one trigger level to the next.
•
Pulse duration: ensure that the triggering event duration is larger than the minimum pulse duration, as defined
in the Timing Characteristics.
•
Setup time: ensure that the data has changed at least one setup time prior to the triggering event, as defined
in the Timing Characteristics.
•
Hold time: ensure that the data remains in the desired state at least one hold time after the triggering event,
as defined in the Timing Characteristics.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
Input signals to Schmitt-trigger inputs, like those found on the HCS family of devices, can support
unlimited edge rates.
–
Input thresholds are listed in the Electrical Characteristics.
–
Inputs include positive clamp diodes. Input voltages can exceed the device's supply so long as the clamp
current ratings are observed from the Absolute Maximum Ratings. Do not exceed the absolute maximum
voltage rating of the device or it could be damaged.
2. Recommended Output Conditions:
–
Load currents should not exceed the value listed in the Absolute Maximum Ratings.
–
Series resistors on the output may be used if the user desires to slow the output edge signal or limit the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com