Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H523CEU6 Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32H523CEU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CEU6 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32H523CEU6 Datasheet HTML 163Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 164Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 165Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 166Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 167Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 168Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 169Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 170Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 228 page
background image
DS14540 Rev 1
167/228
STM32H523xx
Electrical characteristics
197
5.3.22
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 89 are derived from tests
performed under the ambient temperature, fHCLK frequency and VDDA supply voltage
conditions summarized in Table 19.
Table 89. 12-bit ADC characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog
supply
voltage for
ADC ON
-1.62
-
3.6
V
VREF+
Positive
reference
voltage
-
1.62
-
VDDA
V
VREF-
Negative
reference
voltage
-
VSSA
fADC
ADC clock
frequency
1.62V ≤ VDDA ≤ 3.6 V
1.5
-
75
MHz
fS(3) with
RAIN = 47 Ω
and
CPCB = 22 pF
Sampling
rate for fast
channels
(VIN[0:5])
Resolution
= 12 bits
Continuous
mode
1.8V ≤ VDDA≤3.6V
-40°C ≤ TJ ≤ 130°C
fADC=
75 MHz
SMP
=2.5
-5.00
-
MSPS
1.6V ≤ VDDA≤3.6V
fADC=
70 MHz
4.66
Single or
Discontinuous
mode
2.4V ≤ VDDA≤3.6V
fADC=
60 MHz
4.00
-
1.6V ≤ VDDA≤3.6V
fADC=
50MHz
3.33
-
Resolution
= 10 bits
Continuous
mode
1.6V ≤ VDDA≤3.6V
-40°C ≤ TJ ≤ 130°C
fADC=
75 MHz
SMP
=2.5
-
5.77
-
Single or
Discontinuous
mode
2.4V ≤ VDDA≤3.6V
fADC=
75 MHz
5.77
-
1.6V ≤ VDDA≤3.6V
fADC=
65 MHz
5.00
-
Resolution
= 8 bits
All modes
1.6V ≤ VDDA≤3.6V -40°C ≤ TJ ≤ 130°C
fADC=
75 MHz
SMP
=2.5
-
6.82
-
Resolution
= 6 bits
All modes
1.6V ≤ VDDA≤3.6V -40°C ≤ TJ ≤ 130°C
fADC=
75 MHz
-
8.33
-
Sampling
rate for slow
channels
Resolution
= 12 bits
All modes(4)
1.6V ≤ VDDA≤3.6V -40°C ≤ TJ ≤ 130°C
fADC=
35 MHz
SMP
=2.5
-
2.30
-
Resolution
= 10 bits
fADC=
35 MHz
-
2.70
-
Resolution
= 8 bits
fADC=
50 MHz
-
4.50
-
Resolution
= 6 bits
fADC=
50 MHz
-
5.50
-
tTRIG
External
trigger period
Resolution = 12 bits
-
-
15
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com