Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H523CEU6 Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32H523CEU6
Description  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CEU6 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32H523CEU6 Datasheet HTML 167Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 168Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 169Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 170Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 171Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 172Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 173Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 174Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 228 page
background image
DS14540 Rev 1
171/228
STM32H523xx
Electrical characteristics
197
Figure 41. ADC conversion timing diagram
6 bits
47
2.14E-08
3.16E-08
68
2.23E-08
3.21E-08
100
2.40E-08
3.31E-08
150
2.68E-08
3.52E-08
220
3.13E-08
3.87E-08
330
3.89E-08
4.51E-08
470
4.88E-08
5.39E-08
680
6.38E-08
6.79E-08
1000
8.70E-08
8.97E-08
1500
1.23E-07
1.24E-07
2200
1.73E-07
1.73E-07
3300
2.53E-07
2.49E-07
4700
3.53E-07
3.45E-07
6800
5.04E-07
4.90E-07
10000
7.34E-07
7.11E-07
15000
1.09E-06
1.05E-06
1. Specified by design - Not tested in production.
2. Data valid up to 130 °C, with a 22 pF PCB capacitor, and VDDA = 1.6 V.
3. Slow channels correspond to all ADC inputs except for the fast channels.
Table 90. Minimum sampling time versus RAIN(1)(2) (continued)
Resolution
RAIN (Ω)
Minimum sampling time (s)
Fast channel
Slow channel(3)
CLK
1. The sampling time defines the minimum sampling clock cycles (SMP) to be programmed in the ADC (refer to the product reference manual for details).
Sampling
(1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Mux
Number of CLK clock cycles = ADC resolution / 2
Total conversion time: 0.5 +Tsamp + N/2
SMP
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com