Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5781 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SCE5781
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5781 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SCE5781 Datasheet HTML 5Page - OSRAM GmbH SCE5781 Datasheet HTML 6Page - OSRAM GmbH SCE5781 Datasheet HTML 7Page - OSRAM GmbH SCE5781 Datasheet HTML 8Page - OSRAM GmbH SCE5781 Datasheet HTML 9Page - OSRAM GmbH SCE5781 Datasheet HTML 10Page - OSRAM GmbH SCE5781 Datasheet HTML 11Page - OSRAM GmbH SCE5781 Datasheet HTML 12Page - OSRAM GmbH SCE5781 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SCE5780
2006-01-23
9
The user can activate four Control functions. These include: LED
Brightness Level, IC Power Down, Prescaler, or Display Clear.
OPCODEs and six bit words are used to initiate these functions.
The OPCODEs and Control Words for the Character Address and
Loading Column Data are shown in Tables „Load Character
Address“ and „Load Column Data“.
The user can select eight specific LED brightness levels, Tables
„Display Brightness“. Depending on how D3 is selected either one
(1) for maximum peak current or zero (0) for 12.5% of maximum
peak current in the control word per Table „Display Brightness“, the
user can select 16 specific LED brightness levels. These bright-
ness levels (in percentages of full brightness of the display)
depending on how the user selects D3 can be one (1) or zero (0)
are as follows: 100% (E0
HEX or E8HEX), 53% (E1HEX or E9HEX), 40%
(E2
HEX or EAHEX), 27% (E3HEX or EBHEX), 20% (E4HEX or ECHEX),
13% (E5
HEX or EDHEX), and 6.6% (E6HEX or EEHEX), 0.0% (E7HEX or
EF
HEX). The brightness levels are controlled by changing the duty
factor of the row strobe pulse.
The SCE578X offers a unique Display Power Down feature which
reduces I
CC to less than 150 mA total. When EFHEX is loaded
(Table „Power Down“) the display is set to 0% brightness. When in
the Power Down mode data may still be written into the RAM. The
display is reactivated by loading a new brightness Level Control
Word into the display.
Row and Column Locations for a Character “D”
Load Character Address
Op code
D7 D6 D5
Character Address
D4
D3
D2
D1
D0
Hex
Operation
Load
101
000
0
0
A0
Character 0
101
000
0
1
A1
Character 1
101
000
1
0
A2
Character 2
101
000
1
1
A3
Character 3
101
001
0
0
A4
Character 4
101
001
0
1
A5
Character 5
101
001
1
0
A6
Character 6
101
001
1
1
A7
Character 7
Load Column Data
Op code
D7
D6
D5
Column Data
D4
D3
D2
D1
D0
Operation
Load
00
0
C0
C1
C2
C3
C4
Row 0
00
0
C0
C1
C2
C3
C4
Row 1
00
0
C0
C1
C2
C3
C4
Row 2
00
0
C0
C1
C2
C3
C4
Row 3
00
0
C0
C1
C2
C3
C4
Row 4
00
0
C0
C1
C2
C3
C4
Row 5
00
0
C0
C1
C2
C3
C4
Row 6
Display Brightness
Op code
D7 D6 D5
Control Word
D4
D3
D2
D1
D0
Hex
Operation
Level
11
1
000
0
0
E0
100%
11
1
000
0
1
E1
53%
11
1
000
1
0
E2
40%
11
1
000
1
1
E3
27%
11
1
001
0
0
E4
20%
11
1
001
0
1
E5
13%
11
1
001
1
0
E6
6.6%
11
1
001
1
1
E7
0.0%
Display Brightness
Op code
D7 D6 D5
Control Word
D4
D3
D2
D1
D0
Hex
Operation
Level
11
1
010
0
0
E8
100%
11
1
010
0
1
E9
53%
11
1
010
1
0
EA
40%
11
1
010
1
1
EB
27%
11
1
011
0
0
EC
20%
11
1
011
0
1
ED
13%
11
1
011
1
0
EE
6.6%
11
1
011
1
1
EF
0.0%
Power Down
Op code
D7 D6 D5
Control Word
D4
D3
D2
D1
D0
Hex
Operation
Level
11
1
011
1
1
EF
0%
brightness
IDXX5191
Row 2
Row 3
Row 4
Row 5
Row 6
01
2
3
4
Previously "on" LED
On LED
Off LED
Columns
Row 0
Row 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com