Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5781 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SCE5781
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5781 Datasheet(HTML) 5 Page - OSRAM GmbH

  SCE5781 Datasheet HTML 1Page - OSRAM GmbH SCE5781 Datasheet HTML 2Page - OSRAM GmbH SCE5781 Datasheet HTML 3Page - OSRAM GmbH SCE5781 Datasheet HTML 4Page - OSRAM GmbH SCE5781 Datasheet HTML 5Page - OSRAM GmbH SCE5781 Datasheet HTML 6Page - OSRAM GmbH SCE5781 Datasheet HTML 7Page - OSRAM GmbH SCE5781 Datasheet HTML 8Page - OSRAM GmbH SCE5781 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SCE5780
2006-01-23
5
Input/Output Circuits
The following two figures show the input and output resis-
tor/diode networks used for ESD protection and to elimi-
nate substrate latch-up caused by input voltage
over/under shoot.
Inputs
Clock I/O
Electrical Characteristics (
over operating temperature)
Parameter
Min.
Typ.
Max.
Units
Conditions
V
CC
4.5
5.0
5.5
V
—
V
LL
3.0
—
5.5
V
—
I
CC (PWR DWN)
4)
—
—
100
µA
V
CC=VLL=5.0 V, all inputs=0 V or VCC
I
LL (PWR DWN)
4)
—
—
50
µA
—
I
CC
—
—
2.0
mA
V
CC=5.0 V
I
LL (20 dots/char)
1) 2)
—
240
345
mA
V
CC=VLL=5.0 V, “#” displayed in 8 digits,
brightness=100%, I
P=100% at 25°C
I
IL
—
—
–10
µA
V
CC=5.0 V, all inputs=0 V
I
IH
—
—
10
µA
V
CC=VIN=5.0 V (all inputs)
V
IH
3.5
—
—
V
V
CC=4.5 V to 5.5 V
V
IL
—
—
1.5
V
V
CC=4.5 V to 5.5 V
I
OH (CLK I/O)
—
–8.9
—
mA
V
CC=4.5 V, VOH=2.4 V
I
OL (CLK I/O)
—
1.6
—
mA
V
CC=4.5 V, VOH=0.4 V
θ
JC-pin
—
34
—
°C/W
—
Internal OSC Frequency
120
—
347
kHz
V
CC=5.0 V, CLKSEL=1, Prescale= ÷1
External OSC Frequency
120
—
347
kHz
V
CC=5.0 V, CLKSEL=0, Prescale= ÷1
External OSC Frequency with Prescale
1.92
—
5.55
MHz
V
CC=5.0 V, CLKSEL=0, Prescale= ÷16
Mux Frequency
3)
375
768
1086
Hz
—
Notes:
1) Peak current=1.87 x I
LLx ILL varies with VLL Normalized curve, Figure „ILL Variance“ (page 11).
2) Unused inputs must be tied high.
3) Mux rate=[OSC Frequency/(64 x 7)].
4) External oscillator must be stopped during power down mode for minimum current.
IDCD5021
GND
1 k
Ω
Input
CC
V
IDCD5026
GND
1 k
Ω
Input/Output
CC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com