Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5741 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SCE5741
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5741 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SCE5741 Datasheet HTML 6Page - OSRAM GmbH SCE5741 Datasheet HTML 7Page - OSRAM GmbH SCE5741 Datasheet HTML 8Page - OSRAM GmbH SCE5741 Datasheet HTML 9Page - OSRAM GmbH SCE5741 Datasheet HTML 10Page - OSRAM GmbH SCE5741 Datasheet HTML 11Page - OSRAM GmbH SCE5741 Datasheet HTML 12Page - OSRAM GmbH SCE5741 Datasheet HTML 13Page - OSRAM GmbH SCE5741 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
2006-03-30
10
The user can select eight specific LED brightness levels (Table
„Display Brightness“ (page 10)) by changing the peak current driv-
ing the LEDs. The peak current is varied by varying the ON time of
the row drivers. Note that data line 3 is low (logic 0).
If dimming is required with finer control between 12.5% brightness
and 0.0% brightness, data line 3 can be set high (logic 1). The
12.5% peak current is now the brightness reference (100%-E8) for
further dimming and as shown in Table “Display Brightness“
(page 10) eight levels of dimming are provided. For example the
hex code EC in Table “Display Brightness“ (page 10) will provide a
brightness level 29% lower than the 12.5% brightness level.
The SCE574X offers a unique Display Power Down feature which
reduces I
CC to less than 50 µA. When EFHEX is loaded, as shown in
Table „Power Down“ (page 10), the display is set to 0% brightness.
When in the Power Down mode data may still be written into the
RAM. The display is reactivated by loading a new Brightness Level
Control Word into the display.
The Software Clear (C0
HEX), given in Table „Software Clear“
(page 10), clears the Address Register and the RAM. The display
is blanked and the Character Address Register will be set to Char-
acter 0. The internal counter and the Control Word Register are
unaffected. The Software Clear will remain active until the next
data input cycle is initiated.
Load Character Address
Op code
D7 D6 D5
Character Address
D4 D3
D2
D1
D0
Hex
Operation
Load
10
1
00
0
0
0
A0
Character 0
10
1
00
0
0
1
A1
Character 1
10
1
00
0
1
0
A2
Character 2
10
1
00
0
1
1
A3
Character 3
Load Column Data
Op code
D7 D6 D5
Column Data
D4 D3
D2
D1
D0
Operation Load
00
0
C0 C1
C2
C3
C4
Row 0
00
0
C0 C1
C2
C3
C4
Row 1
00
0
C0 C1
C2
C3
C4
Row 2
00
0
C0 C1
C2
C3
C4
Row 3
00
0
C0 C1
C2
C3
C4
Row 4
00
0
C0 C1
C2
C3
C4
Row 5
00
0
C0 C1
C2
C3
C4
Row 6
Display Brightness
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
1
00
0
0
0
E0
100%
11
1
00
0
0
1
E1
53%
11
1
00
0
1
0
E2
40%
11
1
00
0
1
1
E3
27%
11
1
00
1
0
0
E4
20%
11
1
00
1
0
1
E5
13%
11
1
00
1
1
0
E6
6.6%
11
1
00
1
1
1
E7
0.0%
Power Down
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
1
01
1
1
1
EF
0%
brightness
Software Clear
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
0
00
0
0
0
C0
CLEAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com