Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5741 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SCE5741
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5741 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SCE5741 Datasheet HTML 2Page - OSRAM GmbH SCE5741 Datasheet HTML 3Page - OSRAM GmbH SCE5741 Datasheet HTML 4Page - OSRAM GmbH SCE5741 Datasheet HTML 5Page - OSRAM GmbH SCE5741 Datasheet HTML 6Page - OSRAM GmbH SCE5741 Datasheet HTML 7Page - OSRAM GmbH SCE5741 Datasheet HTML 8Page - OSRAM GmbH SCE5741 Datasheet HTML 9Page - OSRAM GmbH SCE5741 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
2006-03-30
6
Top View
Dot Matrix Format
Pin Assignment
Pin
Function
Pin
Function
1
V
CC
14
CLK SELECT
2
LOAD
13
no pin
3
DATA
12
no pin
4
no connection
11
no pin
5
SDCLK
10
no pin
6
RST
9
no pin
7
GND
8
CLK I/O
IDPA5105
Digit 0
Digit 1
Digit 2
Digit 3
Pins
17
Pins
14
8
Dimensions in inches (mm)
Tolerance: ±0.25 (0.010)
1.14 (0.045) typ.
4.45 (0.175)
C1
C2
IDOD5013
R6
R5
R4
R3
R2
R1
C3
C4
C5
R0
Pin Definitions
Pin
Function
Definitions
1
V
CC
Power supply
2
LOAD
Low input enables data clocking into 8-bit
serial shift register. When LOAD goes high,
the contents of 8-bit serial Shift Register will
be decoded.
3
DATA
Serial data input
4
N/C
no connection
5
SDCLK
for loading data into the 8-bit serial data
register
6
RST
Asynchronous input, when low clears the
Multiplex Counter, Control Word Register,
User RAM and Data Register. Control Word
Register is set to 100% brightness. The
display will be blank.
7
GND
Supply ground
8
CLK I/O
Outputs master clock or inputs external clock.
9
N/P
No pins
10
N/P
No pins
11
N/P
No pins
12
N/P
No pins
13
N/P
No pins
14
CLKSEL
H=internal clock, L=external clock
Display Column and Row Format
C0
C1
C2
C3
C4
Row 0
1
1
1
1
1
Row 1
0
0
1
0
0
Row 2
0
0
1
0
0
Row 3
0
0
1
0
0
Row 4
0
0
1
0
0
Row 5
0
0
1
0
0
Row 6
0
0
1
0
0
1= Display dot „ON“
0=Display dot „OFF“
Column Data Ranges
Row 0
00H to 1FH
Row 4
00H to LFH
Row 1
00H to LFH
Row 5
00H to LFH
Row 2
00H to LFH
Row 6
00H to LFH
Row 3
00H to LFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com