Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJC Datasheet(PDF) 1 Page - TT Electronics.

Part # TJC
Description  Thermal Jumper Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TJC Datasheet(HTML) 1 Page - TT Electronics.

  TJC Datasheet HTML 1Page - TT Electronics. TJC Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Jumper Chip
TJC Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
01.25
Functional Data
Features:
•
High thermal conductivity
•
Electrically isolated
•
Aluminium nitride ceramic chips
•
Compact thermal management
•
Low capacitance
•
Pb-free or SnPb finish
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Physical Data
Construction
Ag terminations are screen printed onto an aluminium nitride (AlN) substrate. Parts are wrap-around terminated and plated with nickel
then either 100% matt Sn or 60/40 SnPb.
Marking
Components are not marked. Reels are marked with type, date code and quantity.
Packing
2010, 1020, 2512 & 1225 sizes are supplied on 12mm plastic carrier tape. All smaller sizes are supplied on 8mm plastic carrier tape. All
sizes are on 178mm (7 inch) reels as per IEC286-3. For packaging dimensions of sizes 0805 and larger in conventional and inverse formats
Performance Data


Similar Part No. - TJC

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TJC-25A TOPSTEK-TJC-25A Datasheet
162Kb / 2P
Highly reliable Hall Effect device
TJC100A TOPSTEK-TJC100A Datasheet
157Kb / 2P
Topstek Current Transducer
TJC125A TOPSTEK-TJC125A Datasheet
157Kb / 2P
Topstek Current Transducer
TJC150A TOPSTEK-TJC150A Datasheet
157Kb / 2P
Topstek Current Transducer
TJC175A TOPSTEK-TJC175A Datasheet
157Kb / 2P
Topstek Current Transducer
More results

Similar Description - TJC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRZ WELWYN-LRZ Datasheet
272Kb / 3P
High Current Jumper Chip
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
thermal sensitive chip attenuators.
logo
KOA Speer Electronics, ...
LP731J KOA-LP731J Datasheet
87Kb / 2P
thin film resistance thermal chip sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
platinumthin film thermal chip sensors
LP732BTTE103J3600 KOA-LP732BTTE103J3600 Datasheet
254Kb / 2P
thin film resistance thermal chip sensor
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
platinum thin film thermal chip sensors
logo
SHOUDING Shouding Semic...
SD8053 SHOUDING-SD8053 Datasheet
887Kb / 9P
Single micro-thermal battery management chip with thermal regulation
logo
Shenzhen Huazhimei Semi...
HM4054F HMSEMI-HM4054F Datasheet
788Kb / 10P
Single micro-thermal battery management chip with thermal regulation
HM4057A HMSEMI-HM4057A Datasheet
975Kb / 9P
Single micro-thermal battery management chip with thermal regulation
logo
Vishay Siliconix
THJP VISHAY-THJP Datasheet
163Kb / 4P
ThermaWickTM Thermal Jumper Surface Mount Chip
18-Mar-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com