Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJC Datasheet(PDF) 2 Page - TT Electronics.

Part # TJC
Description  Thermal Jumper Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TJC Datasheet(HTML) 2 Page - TT Electronics.

  TJC Datasheet HTML 1Page - TT Electronics. TJC Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermal Jumper Chip
TJC Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
01.25
Thermal Performance Calculation
The thermal data are based on the thermal resistivity of aluminium nitride, which is 170 W/m°C.
Values for Thermal Resistance (TR) and Thermal Conductance (TC) are obtained as follows.
������������ =
������
������(������. ������)
where ������ is the thermal resistivity of AlN, 170W/m°C
������������ =
1
������������
Application Notes
TJC is designed to provide a thermally conductive pathway with electrical isolation. It
may be used as a thermal management solution for cooling PCB hotspot areas. A
typical application is pictured, in which a TO220 power device is cooled by linking it
to a pad which is heatsinked by a fixing which connects to the equipment chassis.
Electrical isolation from the chassis must be maintained, and direct connection to a
large copper groundplane is undesirable as it could lead to excessive radiated EMI.
To select the optimum size of TJC, begin by defining the range of terminal widths (W)
which best matches the pad or solder joint to be cooled. Then select the shortest
length dimension (L) within the constraints of capacitance and clearance require-
ments. The capacitance must be controlled for circuits operating at high frequency
and where coupling between the pad to be cooled and the heatsink pad is undesira-
ble. The clearance is important where high voltages can exist between the pads, and
this is given by dimension B. Since the surface of the insulated body of TJC is ceramic,
surface tracking is not considered an issue, so this dimension may be compared to
the air clearances required in the application design.
Ordering Procedure
Example: TJC1206LF-T3 (TJC in 1206 size, Pb-free)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com