Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL Datasheet(PDF) 1 Page - TT Electronics.

Part # TPL
Description  Industrial OEM Pressure Transmitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TPL Datasheet(HTML) 1 Page - TT Electronics.

  TPL Datasheet HTML 1Page - TT Electronics. TPL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TPL Series
Features
Stainless steel housing
Rugged construction
Choice of pressure ports
Excellent long-term stability
Wide temperature compensation range
Optional calibration
Automotive Engine Testing
Hydraulic/Pneumatic Systems
Farming Equipment
Industrial Automation
Off-Highway Vehicles
Water and Wastewater
Instrumentation
Emissions Testing
Cooling Fluid Pressure
Industrial Engines
HVAC
Description
Typical Applications
Reference Specifications
Industrial OEM
Pressure Transmitters
Pressure
The TPL Series from TT Electronics is a family of high-performance digitally compensated pressure transducers. They are designed and built at our state-
of-the-art facilities in Europe and can be specifically configured from a wide selection of pressure ports and electrical connections, to cover all typical
installation requirements. Gauge pressure is detected using a four arm active strain gauge bridge incorporating highly stable resistors. The resistors are
fused to a high purity ceramic pressure sensing element. Changes in the pressure of the media under measurement result in changes in the bridge voltage
conditioned by onboard processing electronics. This allows the transmitters to provide a reliable 0.5V to 4.5V ratiometric output over its full operating
temperature range.
Output Type (V)
0.5 to 4.5
Output Span
4.0 Vdc ± 1% of span
Output Zero
0.5 Vdc ±1%
Non Linearity Hysteresis & Repeatability
±0.25% of span (best fit straight line)
Compensated Temperature Range
0°C to 80°C
Operating Temperature Range
-40°C to 125°C
Thermal Zero Shift
±0.04% of span /°C
Thermal Span Shift
±0.015% reading /°C
Long Term Stability
±0.1% /12 months
Power Supply
5 Vdc ±0.25 Vdc
Over Pressure
21 bar for 15 seconds @20°C
Burst Pressure
>35 bar
General Note: TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT
Electronics’ own data and is considered accurate at time of going to print. Specifications are for reference purposes only and should not be used as
a final means of determining proper sizing and selection of pressure sensors. For technical assistance, please consult the factory.
©TT Electronics plc. All rights reserved.
TT Electronics
1-4 Campbell Court, Bramley, Tadley
RG26 5EG. United Kingdom
T: +44 (0)1256 884900 | F: +44 (0)1256 88298
www.ttelectronics.com | www.roxspur.com


Similar Part No. - TPL

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL Datasheet
695Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL Datasheet
195Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
2W Isolated Single Output DC/DC Converters
More results

Similar Description - TPL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
Miniature pressure transmitters
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
OEM pressure transmitters for industrial media
logo
Honeywell Solid State E...
ML01KPS2PC HONEYWELL-ML01KPS2PC Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
OEM Pressure Sensors
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com