Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106 Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # 106
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

106 Datasheet(HTML) 4 Page - Pico Technology Ltd.

  106 Datasheet HTML 1Page - Pico Technology Ltd. 106 Datasheet HTML 2Page - Pico Technology Ltd. 106 Datasheet HTML 3Page - Pico Technology Ltd. 106 Datasheet HTML 4Page - Pico Technology Ltd. 106 Datasheet HTML 5Page - Pico Technology Ltd. 106 Datasheet HTML 6Page - Pico Technology Ltd. 106 Datasheet HTML 7Page - Pico Technology Ltd. 106 Datasheet HTML 8Page - Pico Technology Ltd. 106 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Test cables and calibration standards
A range of RF and Microwave accessories are available from Pico Technology. Test cables and calibration standards have particular significance to the overall performance of a
VNA, so we recommend that you select your accessories carefully.
Cables and standards are often the weakest links in a VNA measurement, generally contributing significantly to measurement uncertainty despite their high cost. At the lowest
levels of uncertainty, costs can be significant and measurements can be compromised by seemingly quite minor damage or wear. For these reasons, many customers hold both
premium-grade items for calibration, reference or measurement standards, and standard-grade items as working or transfer standards and cables. Pico Technology can now offer
cost-effective solutions in both grades.
Phase- and amplitude-stable test leads
Two test cable types and grades are recommended and provided by Pico Technology. Both of high quality, with robust construction and stainless steel connectors, the main
difference between them is the stability of their propagation velocity and loss characteristic when flexed; that is, the degree to which a measurement could change when the cables
are moved or formed to a new position. Cables are specified in terms of flatness and phase variation at up to 6 GHz when a straight cable is formed as one 360° turn around a
10 cm mandrel. Standard test cables are highly flexible. The premium flex-form cables are also flexible but tend to hold their form until intentionally moved to a new position. This
further enhances repeatability for bench measurements at fixed port locations or for test installations.
Order code
Grade
Connectors
Construction
Dielectric
Ø over
jacket
Impedance
(Ω)
Loss (dB)
@ 6 GHz
Phase stability
@ 6 GHz
Amplitude stability
(dB) @ 6 GHz
Length
(mm)
TA336
Standard
N(m) - SMA(m)
Flexible
Low-density
PTFE
7.1 mm
(0.28”)
50
0.7
2°
0.1
600
TA337
N(m) - SMA(f)
TA338
Premium
N(m) - PC3.5(m)
Flex-form
7.5 mm
(0.30”)
0.6
0.8°
0.05
TA339
N(m) - PC3.5(f)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com