Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106 Datasheet(PDF) 6 Page - Pico Technology Ltd.

Part # 106
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

106 Datasheet(HTML) 6 Page - Pico Technology Ltd.

Back Button 106 Datasheet HTML 2Page - Pico Technology Ltd. 106 Datasheet HTML 3Page - Pico Technology Ltd. 106 Datasheet HTML 4Page - Pico Technology Ltd. 106 Datasheet HTML 5Page - Pico Technology Ltd. 106 Datasheet HTML 6Page - Pico Technology Ltd. 106 Datasheet HTML 7Page - Pico Technology Ltd. 106 Datasheet HTML 8Page - Pico Technology Ltd. 106 Datasheet HTML 9Page - Pico Technology Ltd. 106 Datasheet HTML 10Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Test leads and calibration standards selection guide
Test cables are typically purchased as a pair, but single replacement leads are also available. Calibration kits can be purchased as a pair or as a single kit depending on the primary
(best uncertainty) measurement application and its DUT interface, and sometimes to meet a secondary purpose with other DUT interfaces. Budget may also be a consideration.
Pico Technology provides for all purchase options. You can order any combination of accessories, but to get you started we recommend that you choose one of the following
standard configurations.
Configuration 1: universal
For best overall test efficiency and uncertainty in a mix of single- or dual-port test application of both genders, we recommend this dual-port, insertable test lead and calibration
standards configuration and the use of additional test port adaptors as necessary. All calibration modes are then available using the test lead ports or adapted test ports.
Primary DUT
interface
Test leads
required
Cal. kits required
Supported calibration modes
Example DUT
Single cal. kit
Dual cal. kit
1: Dual-port female-
male or male-female
Male + female:
TA336 + TA337
or
TA338 + TA339
Male + female:
TA344 + TA345
or
TA346 + TA347
N/A
All S-parameters, insertable
DUT (zero length thru
calibration).
Non-insertable via port
adaptors.
Insertable dual port component or device with male
and female ports.
Use port adaptors for dual-port single-gender DUT.
Configurations 2 to 5: gender-specific and port-number-specific
The following configurations are recommended where there is a focus upon a particular DUT port or measurement arrangement.
Primary DUT interface Test leads
required
Cal. kits required
Supported calibration modes
Example DUT
Single cal. kit
Dual cal. kit
2: Single-port female
Male:
1x TA336 or
1x TA338
Female:
1x TA345 or
1x TA347
Single-port reflectometry:
S
11 or S22
N/A
Component port or a device/fascia-mounted input or
output port
3: Single-port male
Female:
1x TA337 or
1x TA339
Male:
1x TA344 or
1x TA346
Single-port reflectometry:
S
11 or S22
N/A
Component or cable port
4: Dual-port female
2 x male:
2x TA336 or
2x TA338
1 or 2 female:
1x / 2x TA345 or
1x / 2x TA347
S
21 transmission, S11 + S21
All S-parameters, non-
insertable DUT.
All S-parameters, non-
insertable DUT (faster and
unknown thru calibration
process)
Device/fascia-mounted input and output port or other
dual-port measurement
5. Dual-port male
2 female:
2x TA337
or TA339
1 or 2 male:
1x / 2x TA344 or
1x / 2x TA346
S
21, S11 + S21
All S-parameters, non-
insertable DUT
All S-parameters, non-
insertable DUT (faster and
unknown thru calibration
process)
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com