Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4080 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4080
Description  Infrared Emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4080 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4080 Datasheet HTML 1Page - OSRAM GmbH SFH4080 Datasheet HTML 2Page - OSRAM GmbH SFH4080 Datasheet HTML 3Page - OSRAM GmbH SFH4080 Datasheet HTML 4Page - OSRAM GmbH SFH4080 Datasheet HTML 5Page - OSRAM GmbH SFH4080 Datasheet HTML 6Page - OSRAM GmbH SFH4080 Datasheet HTML 7Page - OSRAM GmbH SFH4080 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 4080
2007-03-30
5
Relative Spectral Emission
Irel = f (λ)
Forward Current
I
F = f (VF) single pulse, tp = 20 μs
Radiation Characteristics
S
el = f (ϕ)
0
750
Ι
rel
OHR00877
800
850
900
950 nm 1000
20
40
60
80
%
100
λ
10
OHR00881
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F
OHF00614
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Radiant Intensity
Single pulse,
t
p = 20 μs
Permissible Pulse Handling
Capability
I
F = f (tp), TA = 25 °C
duty cycle
D = parameter
Ι
e
Ι
e 100 mA
=
f (I
F)
10
OHR00878
Ι e
F
Ι
-3
-2
10
-1
10
0
10
1
10
2
10
0
10
10
1
10
2
10
4
mA
e
Ι
(100mA)
3
10
10
Ι
F
OHR00886
1
2
10
3
10
4
10
mA
-5
10
s
=
D
F
Ι
T
DC
0.005
=
D
p
t
T
t p
p
t
0.5
0.2
0.1
0.01
0.02
0.05
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
Max. Permissible Forward Current
I
F = f (TA)
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thjA = 450 K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com