Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4080 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4080
Description  Infrared Emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4080 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4080 Datasheet HTML 1Page - OSRAM GmbH SFH4080 Datasheet HTML 2Page - OSRAM GmbH SFH4080 Datasheet HTML 3Page - OSRAM GmbH SFH4080 Datasheet HTML 4Page - OSRAM GmbH SFH4080 Datasheet HTML 5Page - OSRAM GmbH SFH4080 Datasheet HTML 6Page - OSRAM GmbH SFH4080 Datasheet HTML 7Page - OSRAM GmbH SFH4080 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 4080
IR-Lumineszenzdiode
Infrared Emitter
Lead (Pb) Free Product - RoHS Compliant
2007-03-30
1
Wesentliche Merkmale
• Sehr kleines Gehäuse:
(LxBxH) 1,7 mm x 0,8 mm x 0,65 mm
• Typische Peakwellenlänge 880 nm
• Gegurtet lieferbar
Anwendungen
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb, Lochstreifenleser
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Sensorik
• Alarm- und Sicherungssysteme
• IR-Freiraumübertragung
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
Ie (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
SFH 4080
Q65110A1217
> 1.0 (typ. 2.5)
Features
• Very small package:
(LxWxH) 1.7 mm x 0.8 mm x 0.65 mm
• Typical Peakwavelength 880 nm
• Available on tape and reel
Applications
• Miniature photointerrupters
• Industrial electronics
• For drive and control circuits
• Sensor technology
• Alarm and safety equipment
• IR free air transmission
Nicht für Neuentwicklungen /
not for new designs


Similar Part No. - SFH4080

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH400-3 SIEMENS-SFH400-3 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
GaAs INFRARED EMITTER
More results

Similar Description - SFH4080

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com