Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5841 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH5841
Description  Schmitt-Trigger IC in TO-18 Package with Glass Lens
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5841 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH5841 Datasheet HTML 1Page - OSRAM GmbH SFH5841 Datasheet HTML 2Page - OSRAM GmbH SFH5841 Datasheet HTML 3Page - OSRAM GmbH SFH5841 Datasheet HTML 4Page - OSRAM GmbH SFH5841 Datasheet HTML 5Page - OSRAM GmbH SFH5841 Datasheet HTML 6Page - OSRAM GmbH SFH5841 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 5840
SFH 5841
Schmitt-Trigger IC im TO-18 Gehäuse mit Glaslinse
Schmitt-Trigger IC in TO-18 Package with Glass Lens
Lead (Pb) Free Product - RoHS Compliant
2007-04-03
1
Wesentliche Merkmale
•SFH 5840: Ausgang active low
• SFH 5841: Ausgang active high
• Hermetisch dichte Metallbauform
• Geeignet für Anwendungen im Bereich von
400 nm bis 1100 nm
Anwendungen
• Optischer Schalter
•Pulsformer
• Zähler
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 5840
Q62702P5116
Metallbauform (TO-18), OUT-Kennzeichnung:
„Nase“ am Gehäuse
SFH 5841
Q62702P5117
Metal package (TO-18), OUT-marking:
projection at package
Features
•SFH 5840: Output active low
• SFH 5841: Output active high
• Hermetically sealed metal package (TO-18)
• Suitable for applications from 400 nm to
1100 nm
Applications
• Optical threshold switch
•Pulseformer
• Counter


Similar Part No. - SFH5841

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH500 SIEMENS-SFH500 Datasheet
94Kb / 2P
PHOTOTRANSISTOR
SFH505A SIEMENS-SFH505A Datasheet
136Kb / 3P
IR RECEIVER/ DEMODULATOR DEVICE
SFH506 SIEMENS-SFH506 Datasheet
179Kb / 6P
IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE
SFH506-30 SIEMENS-SFH506-30 Datasheet
179Kb / 6P
IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE
SFH506-33 SIEMENS-SFH506-33 Datasheet
179Kb / 6P
IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE
More results

Similar Description - SFH5841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS104C ETC-PS104C Datasheet
42Kb / 1P
BUILT-IN SCHMITT TRIGGER CIRCUIT
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
SFH5140 OSRAM-SFH5140 Datasheet
49Kb / 6P
Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
Gabellichtschranke mit Schmitt-Trigger IC
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
SCHMITT TRIGGER
logo
OSRAM GmbH
SFH-5140-F OSRAM-SFH-5140-F Datasheet
159Kb / 11P
Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
Schmitt-Trigger IC in Smart DIL Package
logo
Silicon Supplies
74AC14 SS-74AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com