Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R276-R277-R278-R279-0360 Datasheet(PDF) 7 Page - GIACOMINI WATER E-MOTION

Part # R276-R277-R278-R279-0360
Description  2- or 3-way ball zone valves
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R276-R277-R278-R279-0360 Datasheet(HTML) 7 Page - GIACOMINI WATER E-MOTION

  R276-R277-R278-R279-0360 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Product specifications
R276
2-way zone ball valve. 3/4” or 1” female-female connections. Body and main components made of CW617N brass. PTFE
gaskets. Max. working temperature 110 °C. Max. working pressure 20 bar. Can be controlled installing K270 or K272 actuators.
R277
2-way zone ball valve. 3/4” or 1” male-male tail piece connections. Body and main components made of CW617N brass. PTFE
gaskets. Max. working temperature 110 °C. Max. working pressure 20 bar. Can be controlled installing K270 or K272 actuators.
R278
3-way zone ball valve with adjustable by-pass. 3/4” or 1” male-male tail piece connections. Body and main components
made of CW617N brass. PTFE gaskets. Max. working temperature 110 °C. Max. working pressure 10 bar. Can be controlled
installing K270 or K272 actuators.
R279
3-way zone ball valve with adjustable by-pass. 3/4” or 1” female-female connections. Body and main components made of
CW617N brass. PTFE gaskets. Max. working temperature 110 °C. Max. working pressure 10 bar. Can be controlled installing
K270 or K272 actuators.
 Package Disposal. Carton boxes: paper recycling. Plastic bags and bubble wrap: plastic
recycling.
 Product Disposal. Do not dispose of product as municipal waste at the end of its life cycle.
Dispose of product at a special recycling platform managed by local authorities or at retailers
providing this type of service.
 Safety Warning. Installation, commissioning and periodical maintenance of the product
must be carried out by qualified operators in compliance with national regulations and/or local
standards. A qualified installer must take all required measures, including use of Individual
Protection Devices, for his and others’ safety. An improper installation may damage people,
animals or objects towards which Giacomini S.p.A. may not be held liable.
 Additional information. For more information, go to giacomini.com or contact our technical
assistance service. This document provides only general indications. Giacomini S.p.A. may change
at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying
with the rules and good practice standards in force.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com