Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R276-R277-R278-R279-0360 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R276-R277-R278-R279-0360
Description  2- or 3-way ball zone valves
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R276-R277-R278-R279-0360 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R276-R277-R278-R279-0360 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
R276, R277, R278, R279
Datasheet
0360EN  07/2021
2- or 3-way
ball zone valves
The zone valves are devices for intercepting the heating fluid which, driven by an actuator controlled by a thermostat, allow
for the subdivision of climate control systems in sectors which are similar from the point of view of room temperature control.
Zone valves may be of the 3-way type, with an adjustable by-pass, which must produce a loss of pressure comparable to
that of the system in order to avoid hydraulic failure in the distribution when the flow is deviated on the return to the boiler
room - or the 2-way type, which generally requires the installation of a pressure differential valve on the primary circuit, for
the protection of the boiler circulator.
The R276, R277, R278 and R279 zone valves integrated a ball which is specially shaped for the purpose, along with K270 or
K272 actuators for the control.
R276
R277
R278
R279
SERIES
PRODUCT CODE CONNECTIONS
TYPE
R276
R276Y004
G 3/4”F
2-way zone
ball valve
R276Y005
G 1”F
R277
R277Y004
G 3/4”M
R277Y025
G 1”M
R278
R278Y004
G 3/4”M
3-way zone
ball valve
R278Y005
G 1”M
R279
R279Y004
G 3/4”F
R279Y005
G 1”F
Versions and product codes
Accessories
• K270: 24 V or 230 V actuator, with stroke-end microswitch
• K272: 24 V or 230 V actuator, with stroke-end microswitch
and handwheel for manual operation
• R193K: eccentric pipe kit for the installation of R278 3-way
zone valve in combination with distribution manifold


Similar Part No. - R276-R277-R278-R279-0360

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
R276B-0754 GIACOMINI-R276B-0754 Datasheet
864Kb / 4P
Motorized 2-way zone valve
R276BX006 GIACOMINI-R276BX006 Datasheet
864Kb / 4P
Motorized 2-way zone valve
R276BX007 GIACOMINI-R276BX007 Datasheet
864Kb / 4P
Motorized 2-way zone valve
R276BX008 GIACOMINI-R276BX008 Datasheet
864Kb / 4P
Motorized 2-way zone valve
R276BX026 GIACOMINI-R276BX026 Datasheet
864Kb / 4P
Motorized 2-way zone valve
More results

Similar Description - R276-R277-R278-R279-0360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX769 MAXIM-MAX769 Datasheet
161Kb / 16P
2 or 3-Cell, Step-Up/Down, Two-Way Pager System IC
Rev 1; 10/98
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Kepont Electronics, Inc...
KEST-471BT KEPONT-KEST-471BT Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471BW KEPONT-KEST-471BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
BELIMO AIRCONTROLS (USA...
LRB24-IP BELIMO-LRB24-IP Datasheet
520Kb / 4P
Cloud capable and communicative rotary actuator for ball valves
ZS-SPBV BELIMO-ZS-SPBV Datasheet
71Kb / 1P
Weather Shield for B2/B3..VS/VSS Ball Valves
logo
Norgren Ltd
K41DA00KA1KS6 NORGREN-K41DA00KA1KS6 Datasheet
1Mb / 6P
Nugget 200 Spool Valves 1/4", 3/8", 1/2" NPT Air Pilot Actuated 3/2, 5/2, & 5/3 Inline Valves
logo
BELIMO AIRCONTROLS (USA...
B224 BELIMO-B224 Datasheet
546Kb / 2P
2-way, Characterized Control Valve, Stainless Steel Ball and Stem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com