Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G02DCUT.B Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC2G02DCUT.B
Description  SN74LVC2G02 Dual 2-Input Positive-NOR Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G02DCUT.B Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G02DCUT.B Datasheet HTML 1Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 2Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 3Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 4Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 5Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1A
1B
1Y
1
2
7
2A
2B
2Y
5
6
3
3
SN74LVC2G02
www.ti.com
SCES194N – APRIL 1999 – REVISED MAY 2019
Product Folder Links: SN74LVC2G02
Submit Documentation Feedback
Copyright © 1999–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCT Package
8-Pin SSOP
Top View
DCU Package
8-Pin VSSOP
Top View
YZP Package
8-Pin DSBGA
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
Input
Channel 1 input A
1B
2
Input
Channel 1 input B
2Y
3
Output
Channel 2 output Y
GND
4
–
Ground
2A
5
Input
Channel 2 input A
2B
6
Input
Channel 2 input B
1Y
7
Output
Channel 1 output Y
VCC
8
–
Positive supply
Logic Diagram (Positive Logic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com