Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G02DCUT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G02DCUT.B
Description  SN74LVC2G02 Dual 2-Input Positive-NOR Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G02DCUT.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G02DCUT.B Datasheet HTML 1Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 2Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 3Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 4Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 5Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G02DCUT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1A
1B
1Y
1
2
7
2A
2B
2Y
5
6
3
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC2G02
SCES194N – APRIL 1999 – REVISED MAY 2019
SN74LVC2G02 Dual 2-Input Positive-NOR Gate
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ package
•
Supports 5-V VCC operation
•
Inputs accept voltages to 5.5 V
•
Max tpd of 4.9 ns at 3.3 V
•
Low power consumption, 10-μA Max ICC
•
±24-mA Output drive at 3.3 V
•
Typical VOLP (output ground bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (output VOH undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Ioff supports partial-power-down mode operation
•
Latch-up performance exceeds 100 mA er JESD
78, class II
•
ESD protection exceeds JESD 22
–
2000-V Human-body model (A114-A)
–
1000-V Charged-device model (C101)
2 Applications
•
AV receiver
•
Audio dock: portable
•
Blu-ray player and home theater
•
Embedded PC
•
MP3 Player/recorder (portable audio)
•
Personal digital assistant (PDA)
•
Power: Telecom/server AC/DC supply: single
controller: analog and digital
•
Solid state drive (SSD): client and enterprise
•
TV: LCD/digital and high-definition (HDTV)
•
Tablet: enterprise
•
Video analytics: server
•
Wireless headset, keyboard, and mouse
3 Description
This dual 2-input positive-NOR gate is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC2G02 device performs the Boolean
function Y = A + B or Y = A × B in positive logic.
NanoFree™
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
through the device when it is powered down.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2G02DCT
SSOP (8)
2.95 mm × 2.8 mm
SN74LVC2G02DCU
VSSOP (8)
2.3 mm × 2.0 mm
SN74LVC2G02YZP
DSBGA (8)
1.91 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - SN74LVC2G02DCUT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G02DCUT TI-SN74LVC2G02DCUT Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCUT TI-SN74LVC2G02DCUT Datasheet
822Kb / 15P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02DCUTE4 TI-SN74LVC2G02DCUTE4 Datasheet
822Kb / 15P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02DCUTG4 TI-SN74LVC2G02DCUTG4 Datasheet
822Kb / 15P
DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74LVC2G02DCUT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE NOR GATE
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com