Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9315 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH9315
Description  Slotted Interrupter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9315 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH9315 Datasheet HTML 1Page - OSRAM GmbH SFH9315 Datasheet HTML 2Page - OSRAM GmbH SFH9315 Datasheet HTML 3Page - OSRAM GmbH SFH9315 Datasheet HTML 4Page - OSRAM GmbH SFH9315 Datasheet HTML 5Page - OSRAM GmbH SFH9315 Datasheet HTML 6Page - OSRAM GmbH SFH9315 Datasheet HTML 7Page - OSRAM GmbH SFH9315 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 9315
Gabellichtschranke
Slotted Interrupter
Lead (Pb) Free Product - RoHS Compliant
2007-04-03
1
Wesentliche Merkmale
• Kompaktes Gehäuse
• GaAs-IR-Sendediode (950 nm)
• Si-Fototransistor mit Tageslichtsperrfilter
Anwendungen
• Geschwindigkeitsüberwachung
• Motorsteuerung
• Überwachung des Papiervorschubs in
Druckern, Kopier- und Faxgeräten
• Speicherlaufwerke
• Steuerung des Druckkopfes in Druckern
• Münzdetektion
• Optoelektronische Schalter
Typ
Type
Bestellnummer
Ordering Code
I
CE min. [mA]
(I
F = 20 mA; VCE = 5 V)
SFH 9315
Q65110A1216
0.7
Features
• Compact type
• GaAs infrared emitter (950 nm)
• Silicon phototransistor detector with
daylight-cutoff filter
Applications
• Speed control
• Motor control
• Monitoring of paper feed in printers, copiers,
facsimiles
• Disk drives
• Control of print head in printers
• Coin detection
• Optoelectronic switches


Similar Part No. - SFH9315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH9310 ETC-SFH9310 Datasheet
58Kb / 7P
Gabellichtschranke Slotted Interrupter
More results

Similar Description - SFH9315

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
67013 MICROPAC-67013 Datasheet
14Kb / 2P
SLOTTED OPTICAL INTERRUPTER
67060 MICROPAC-67060 Datasheet
77Kb / 2P
SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
logo
List of Unclassifed Man...
SFH9310 ETC-SFH9310 Datasheet
58Kb / 7P
Gabellichtschranke Slotted Interrupter
SFH9300 ETC-SFH9300 Datasheet
59Kb / 7P
Gabellichtschranke Slotted Interrupter
logo
OSRAM GmbH
SFH9500 OSRAM-SFH9500 Datasheet
93Kb / 10P
Gabellichtschranke Slotted Interrupter
logo
ISOCOM COMPONENTS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
logo
OSRAM GmbH
SFH9540 OSRAM-SFH9540 Datasheet
268Kb / 11P
Slotted Interrupter
SFH-9540 OSRAM-SFH-9540 Datasheet
268Kb / 11P
Slotted Interrupter
SFH-9500 OSRAM-SFH-9500 Datasheet
263Kb / 11P
Slotted Interrupter
logo
Motorola, Inc
MOC7811 MOTOROLA-MOC7811 Datasheet
65Kb / 1P
Slotted Couplers/Interrupter Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com