Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9315 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH9315
Description  Slotted Interrupter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9315 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH9315 Datasheet HTML 1Page - OSRAM GmbH SFH9315 Datasheet HTML 2Page - OSRAM GmbH SFH9315 Datasheet HTML 3Page - OSRAM GmbH SFH9315 Datasheet HTML 4Page - OSRAM GmbH SFH9315 Datasheet HTML 5Page - OSRAM GmbH SFH9315 Datasheet HTML 6Page - OSRAM GmbH SFH9315 Datasheet HTML 7Page - OSRAM GmbH SFH9315 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 9315
2007-04-03
5
Forward Current
I
F = f (VF)
Single pulse,
t
p = 20 μs
10
10-2
10-1
0
101
102
103
OHF00630
0
IF
VF
V
mA
1
2
3
4
5
Max. Permissible Forward Current
I
F = f (TA)
OHF00628
0
IF
T
0
mA
A
20
40
60
80 ˚C 100
= 280 K/W
RthJA
5
10
15
20
25
30
35
40
50
Dark Current
I
CEO = f (TA)
V
CE = 20 V, E = 0
T
OHF00380
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
0
nA
20
40
60
80
100
˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com