Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKACCW01 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LKACCW01
Description  Golden DRAGON짰 Engineering Kit Lens
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LKACCW01 Datasheet(HTML) 5 Page - OSRAM GmbH

  LKACCW01 Datasheet HTML 1Page - OSRAM GmbH LKACCW01 Datasheet HTML 2Page - OSRAM GmbH LKACCW01 Datasheet HTML 3Page - OSRAM GmbH LKACCW01 Datasheet HTML 4Page - OSRAM GmbH LKACCW01 Datasheet HTML 5Page - OSRAM GmbH LKACCW01 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LK ACC W01
2006-10-04
5
Fußnoten:
1)
Maße werden wie folgt angegeben: mm (inch)
2)
Ein kritisches Bauteil ist ein Bauteil, das in lebenserhaltenden Apparaten oder Systemen eingesetzt wird und dessen
Defekt voraussichtlich zu einer Fehlfunktion dieses lebenserhaltenden Apparates oder Systems führen wird oder
die Sicherheit oder Effektivität dieses Apparates oder Systems beeinträchtigt.
3)
Lebenserhaltende Apparate oder Systeme sind für
(a) die Implantierung in den menschlichen Körper
oder
(b) für die Lebenserhaltung bestimmt.
Falls sie versagen, kann davon ausgegangen werden, dass die Gesundheit und das Leben des Patienten in Gefahr
ist.
Revision History: 2006-10-04
Previous Version:
2005-04-22
Page
Subjects (changes since last revision)
Date of change
2
Average Transmittance in visible Spectrum
2005-03-11
1, 2
Obsolete acc. to OS-PD-2006-008
2006-10-04
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any
costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components9) page 6 may only be used in life-support devices or systems10) page 6 with the express written approval of
OSRAM OS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com