Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # PCB
Description  45 amp High Power PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PCB Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  PCB Datasheet HTML 1Page - Anderson Power Products, Inc. PCB Datasheet HTML 2Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA01564-2305 USA T:978-422-3600 F:978-422-3700
EUROPE: Anderson Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 520203
ASIA / PACIFIC:IDEAL AndersonAsia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036
CHINA:IDEALAnderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755 2768 2218
TAIWAN: IDEAL AndersonAsia Pacific Ltd.,Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District,Taichung City 407, Taiwan (R.O.C.) T: +(886) 4 2310 6451 F:+(886) 4 2310 6460
www.andersonpower.com
PRODUCT SPECIFICATIONS
ORDERING INFORMATION
Anderson Power Products High Current printed circuit board
(PCB) contact series, when utilized with the Powerpole® 15/45
connector housings, provides a reliable wire to PCB connection.
They are UL Recognized at 45 amps, AC or DC. The connector
may be configured in 1 and 2 row configurations, in both vertical
and right angle mounted terminations. This connector provides
an ideal solution for applications that require high current
connections to a PCB.
FEATURES
• Current rating 45 amps
Enables high current connections directly to the PCB
• Vertical and right angle terminations
Allows for design flexibility
• High durability
- Rated up to 1,500 cycles (no load)
- Under Load (Hot Plug 250 cycles @ 120V)
• Offered in pre-assembled 1 and 2 row configurations
(See Ordering Information)
- Reduces assembly costs of housings and contacts
- Pre-assembled configurations prevent accidental separation of
housings
• Individual housings and contacts also sold separately
- Allows for customization of configurations
- Allows for color coding of housings to wires for ease of manufacturing
High Power Connector
Part
Number
Description
PP45PC12S
1x2 vertical mount, short tail, black housing
PP45PC13S
1x3 vertical mount, short tail, black housing
PP45PC12R
1x2 horizontal, single row, right angle tail, black housing
PP45PC13R
1x3 horizontal, single row, right angle tail, black housing
PP45PC21R
2x1 horizontal, dual row, right angle tail, black housing
PP45PC22R
2x2 horizontal, dual row, right angle tail, black housing
PP45PC23R
2x3 horizontal, dual row, right angle tail, black housing
High Power Contact
Part
Number
Description
1335G1
Vertical mount, short tail contact
1336G1
Horizontal (Bottom), right angle mount
1337G1
Horizontal (Top), right angle mount
Housings Only
Part
Number
Description
1327
Red housing
1327G5
Green housing
1327G6
Black housing
1327G7
White housing
1327G8
Blue housing
1327G16
Yellow housing
1327G17
Orange housing
1327G18
Gray housing
1327G21
Brown housing
1327G22
Pink housing
1327G23
Purple housing
UL Current Rating For Single Mated Pair
45 amps (for others see rating curves)*
Max Recommended Voltage - (per IEC 60950-1)
150V (pollution degree 3) - 250V (pollution degree 2)
Minimum Creepage
2.8mm
Voltage Drop For Mated Pair
≤ 2.50 mV
Connector Mating Force For Mated Pair
2 - 3 Lbf.
PCB Footprint
See following page
PCB Thickness - in. [mm]
0.093 [2.4] - 0.125 [3.2]
Contact Material
Tin plating copper alloy
Housing Material
Polycarbonate 94 V-0 rated
* See Temperature Rise Chart
Accessories
Part
Number
Description
1399G9
Red mounting wing
1399G8
Blue mounting wing
1399G1
Red short spacer with end hole
1399G2
Red long spacer
1399G6
Red short spacer without hole
110G68
PP15/45 retention clip
114555P1 Staple 1x1 (H x W)
114555P2 Staple 1x2 (H x W)
114555P3 Staple 1x3 (H x W)
114555P7 Staple 1x4 (H x W)
114555P8 Staple 1x6 (H x W)
114555P5 Staple 2x1 (H x W)
114555P6 Staple 2x2 (H x W)
114555P9 Staple 2x2 - long (H x W)
Note: For additional colors please contact customer
service. For finger proof housings see page 18.
45 amp High Power PCB
Contacts


Similar Part No. - PCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
Vertical and horizontal version
PCB TEC-PCB Datasheet
192Kb / 2P
Power PCB Relay RPII/2 1.5 mm Contact Gap
Rev. 0718
logo
Tyco Electronics
PCB MACOM-PCB Datasheet
699Kb / 3P
Miniature PCB Relay PCH
09-2010, Rev. 0910
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
1Mb / 2P
PCFN SOLAR High Performance Power PCB Relay
05/2014
logo
Fortex Engineering Ltd
PCB FORTEX-PCB Datasheet
72Kb / 1P
PCB Scrub Cleaning Eraser Polibloc
More results

Similar Description - PCB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56033 NTE-NTE56033 Datasheet
20Kb / 2P
TRIAC, 45 Amp
logo
Central Semiconductor C...
CQ218-45B CENTRAL-CQ218-45B Datasheet
106Kb / 2P
45 AMP TRIAC
logo
American Zettler, Inc.
AZ9701 AZETTLER-AZ9701 Datasheet
128Kb / 2P
45 AMP AUTOMOTIVE RELAY
AZ9701E AZETTLER-AZ9701E Datasheet
124Kb / 2P
45 AMP AUTOMOTIVE RELAY
logo
Shanghai Shunye Electro...
BD451N SHUNYE-BD451N Datasheet
232Kb / 2P
45 AMP BLOCK DIODES
BD452N SHUNYE-BD452N Datasheet
233Kb / 2P
45 AMP BLOCK DIODES
BD454N SHUNYE-BD454N Datasheet
232Kb / 2P
45 AMP BLOCK DIODES
BD456N SHUNYE-BD456N Datasheet
236Kb / 2P
45 AMP BLOCK DIODES
BD4505N SHUNYE-BD4505N Datasheet
232Kb / 2P
45 AMP BLOCK DIODES
logo
Picker Components
PC822 PICKER-PC822_17 Datasheet
728Kb / 2P
45 Amp Miniature Automotive PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com