Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT78722. Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # PT78722.
Description  Accessories Miniature Relay PT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PT78722. Datasheet(HTML) 4 Page - TE Connectivity Ltd

  PT78722. Datasheet HTML 1Page - TE Connectivity Ltd PT78722. Datasheet HTML 2Page - TE Connectivity Ltd PT78722. Datasheet HTML 3Page - TE Connectivity Ltd PT78722. Datasheet HTML 4Page - TE Connectivity Ltd PT78722. Datasheet HTML 5Page - TE Connectivity Ltd PT78722. Datasheet HTML 6Page - TE Connectivity Ltd PT78722. Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
09-2014, Rev. 0914
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
DIN-rail socket with screw type terminals, In/Out
arrangement
Type
Part Number
PT 78 722
DIN-rail socket with screw type terminals,
In/Out arrangement 2 pole
1415526-1
PT 78 742
DIN-rail socket with screw type terminals,
In/Out arrangement 4 pole
1-1415526-1
Accessories for PT 78 722, PT 78 742
Type
Part Number
PT 17 021
Plastic retaining clip,
relay height 29 mm
2-1415526-1
PT 28 800
Metal retaining clip PT,
relay height 29 mm
5-1419111-9
PT 17 040
Marking tag
6-1415037-1
PT 17 0R6
Jumper bar, max load 12A
for connection of up to 6 PT sockets
1860517-5
PT DIN-rail socket with screw type terminals
PT78720/730/740/741
General Purpose Relays
Accessories
Accessories Miniature Relay PT (Continued)
Jumper bar
S0559-AP
F0234-C
S0427-DB
S0427-CF
Approvals
VDE Cert. No. 40009108, cULus E135149
Technical data
2-pole
3-pole
4-pole
Rated voltage/Max. switching voltage AC
240/400VAC
Rated current
12 A
10 A
6 A
Limiting continuous current
see derating curve
Dielectric strength
coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage
coil-contact circuit
≥ 4/4 mm
≥ 4/4 mm
≥ 4/4 mm
adjacent contact circuits
≥3.5/9.5mm ≥2.6/3.5mm ≥1.8/3.5mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation
coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature range
-40…+70˚C
Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com