Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT78722. Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # PT78722.
Description  Accessories Miniature Relay PT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PT78722. Datasheet(HTML) 5 Page - TE Connectivity Ltd

  PT78722. Datasheet HTML 1Page - TE Connectivity Ltd PT78722. Datasheet HTML 2Page - TE Connectivity Ltd PT78722. Datasheet HTML 3Page - TE Connectivity Ltd PT78722. Datasheet HTML 4Page - TE Connectivity Ltd PT78722. Datasheet HTML 5Page - TE Connectivity Ltd PT78722. Datasheet HTML 6Page - TE Connectivity Ltd PT78722. Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
09-2014, Rev. 0914
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
SCHRACK
General Purpose Relays
Accessories
Accessories Miniature Relay PT (Continued)
Technical data (continued)
2-pole
3-pole
4-pole
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
≥ 0, dense packing
Weight
41 g
48 g
55 g
Packaging unit
10 pcs
DIN-rail socket with screw type terminals
Type
Part Number
PT 78 720
DIN-rail socket with screw type terminals,
2 pole
6-1415034-1
PT 78 730
DIN-rail socket with screw type terminals,
3 pole
9-1415071-1
PT 78 740
DIN-rail socket with screw type terminals,
4 pole
4-1415033-1
PT 78 741
DIN-rail socket with screw type terminals,
4 pole, package with
protection diode module A1+, A2-
5-1415034-1
Accessories for PT 78 720, PT 78 730, PT 78 740, PT 78 741
Type
Part Number
PT 17 016
Plastic retaining clip PT,
relay height 29 mm
5-1415037-1
PT 17 024
Plastic retaining clip PT with ejecting func.,
relay height 29 mm
1816124-1
PT 28 800
Metal retaining clip PT,
relay height 29 mm
5-1419111-9
PT 17 040
Marking tag
6-1415037-1
PT 17 0R6
Jumper bar, max load 12A
for connection of up to 6 PT sockets
1860517-5
Marking tags
n
White marking area 28 x 6 mm
n
Snaps on socket in up to 4 positions
PT17 016
S0427-CH
S0427-CI
PT17 024



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com