Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC93 Datasheet(PDF) 1 Page - T-Global Technology

Part # PC93
Description  Non-Silicone Thermal Conductive Pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

PC93 Datasheet(HTML) 1 Page - T-Global Technology

  PC93 Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC93
Non-Silicone Thermal Conductive Pad
Thermal Conductivity: 2 W/m.k
(W / m.k - Z Axis)
In the thermal resistance vs pressure vs deflection charts PC93 provides low thermal impedance.
As the pressure increases the thermal impedance decreases. PC93 provides good compliance and softness.
Hardeness: 60 (Shore 00)
(Shore 00)
Low contact thermal impedance
Good thermal conductivity
Silicone free
Long term stability
Electronic components: IC / CPU / MOS
LED / M/B / P/S / Heat Sink / LCD-TV / Notebook PC / PC / Telecom Device /
Wireless Hub etc....
DDR II Module / DVD Applications / Hand-Set applications etc...
Features
Applications
Thermal Resistance V.S Pressure V.S Deflection
Properties
REACH Compliant
RoHS Compliant
Property
PC93
Unit
Tolerance
Test Method
Colour
Grey
-
-
Visual
Thickness
(Available thickness range)
0.25 ~ 5.0
mm
-
ASTM D374
0.0098~0.1969
inch
-
ASTM D374
Thermal Conductivity
2
W/m.k
-
ASTM D5470
Flame Rating
V-0
-
-
UL 94
Dielectric Breakdown Voltage
10
kV/mm
-
ASTM D149
Weight Loss
‹1
%
-
ASTM E595
Specific Gravity
1.5
g/cm3
±0.2
ASTM D792
Working Temperature
-30~ 150
˚C
-
-
Volume Resistance
›1012
Ohm-cm
-
ASTM D257
Elongation
350
%
±13
ASTM D412
Tensile Strength
1
Kgf/mm2
±2
ASTM D412
Standard Shape
-
Sheet ones
-
-
Hardness
60
Shore 00
±5
ASTM D2240
Available with an adhesive backing
1. Part Number
2. Size X-Y-Z
3. Adhesive backing – 0-None, 1A-one side, 2A-two sides
4. Quantity
Tel: +44 20 8133 2062 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com Skype: tglobal.technology


Similar Part No. - PC93

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
Sharp Corporation
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC931 SHARP-PC931 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC932 SHARP-PC932 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
More results

Similar Description - PC93

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H48-2 ETC2-H48-2 Datasheet
540Kb / 1P
Thermal Conductive Pad
H48-6C ETC2-H48-6C Datasheet
268Kb / 1P
Thermal Conductive Pad
H48-6G ETC2-H48-6G Datasheet
445Kb / 1P
Thermal Conductive Pad
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
Analog Technologies, In...
ATCR1R5 ANALOGTECHNOLOGIES-ATCR1R5 Datasheet
211Kb / 3P
Thermal Conductive Pad
7/6/2015
logo
T-Global Technology
TG-APC93 TGLOBAL-TG-APC93 Datasheet
477Kb / 1P
Non-silicone Thermal Pad
20230721
TG-APC94 TGLOBAL-TG-APC94 Datasheet
531Kb / 1P
Non-silicone Thermal Pad
20230721
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
Non-Silicone Thermal Putty
TG-NSP80 TGLOBAL-TG-NSP80 Datasheet
582Kb / 1P
Non-Silicone Thermal Putty
TG994-2 TGLOBAL-TG994-2 Datasheet
550Kb / 1P
Thermal Conductive Pad
Version 4.130220
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com