Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY2F Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 3Page - Omron Electronics LLC MY2F Datasheet HTML 4Page - Omron Electronics LLC MY2F Datasheet HTML 5Page - Omron Electronics LLC MY2F Datasheet HTML 6Page - Omron Electronics LLC MY2F Datasheet HTML 7Page - Omron Electronics LLC MY2F Datasheet HTML 8Page - Omron Electronics LLC MY2F Datasheet HTML 9Page - Omron Electronics LLC MY2F Datasheet HTML 10Page - Omron Electronics LLC MY2F Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
MY(S)
7
Engineering Data MY(S) (MY2ZN, MY
@F)
Ambient Temperature vs.
Must-operate and Must-release Voltage
Ambient Temperature vs. Coil Temperature Rise
MY2 AC Models
MY2 AC Models, 50 Hz
MY2 DC Models
MY2 DC Models
MY4 AC Models, 50 Hz
MY4 DC Models
MY4 AC Models
MY4 DC Models
Models with built-in diodes
The diode absorbs surge from the coil. This type is best suited for applications with semiconductor circuits.
With Diode
Without Diode
Note: 1. Make sure that the polarity is correct.
2. The release time will increase, but the 20-ms specification for standard models is satisfied.
3. Diode properties:The diode has a reversed dielectric strength of 1,000 V.
Forward current: 1 A
Models with Built-in CR Circuits
With CR
Without CR
100
80
60
40
20
0
−60
−30
0
30
60
90
Ambient temperature (°C)
Must-operate voltage
Must-release voltage
Number of Relays: 10
(average value)
120
100
110
80
90
70
60
50
40
10
20
30
0
10
20
30
40
50
60
70
80
Ambient temperature (°C)
When rated voltage is applied
5 A contact current × 2 circuits
2.5 A contact current × 2 circuits
No contact current
Operating temperature limit value
(E-class insulation, 120° C)
120
100
110
80
90
70
60
50
40
10
20
30
0
10
20
30
40
50
60
70
80
Ambient temperature (°C)
When rated voltage is applied
5 A contact current × 2 circuits
2.5 A contact current × 2 circuits
No contact current
Operating temperature limit value
(E-class insulation, 120° C)
−60
−30
0
30
60
90
100
80
60
40
20
0
Ambient temperature (°C)
Must-operate voltage
Must-release voltage
Number of Relays: 10
(average value)
10
20
30
40
50
60
70
80
Ambient temperature (°C)
When rated voltage is applied
3 A contact current × 4 circuits
1.5 A contact current × 4 circuits
No contact current
Operating temperature limit value
(E-class insulation, 120° C)
120
100
110
80
90
70
60
50
40
10
20
30
0
120
100
110
80
90
70
60
50
40
10
20
30
0
10
20
30
40
50
60
70
80
Ambient temperature (°C)
When rated voltage is applied
3 A contact current × 4 circuits
No contact current
Operating temperature limit value
(E-class insulation, 120° C)
1.5 A contact current × 4 circuits
−60
−30
0
30
60
90
80
60
40
20
0
100
Ambient temperature (°C)
Must-operate voltage
Must-release voltage
Number of Relays: 10
(average value)
−60
−30
0
30
60
90
100
80
60
40
20
0
Ambient temperature (°C)
Must-operate voltage
Must-release voltage
Number of Relays: 10
(average value)
OFF
ON
A
A’
Di
To digital
memory
24 VDC
OFF
ON
A
A’
To digital
memory
24 VDC
140 V
A
A’
C = 0.033 μF
R = 6.8 k
Ω
282 V
80 V
4.12 ms
9.4 ms
200 AC
A
A’
A
A’
To digital
memory
scope
msec
2.5
600 V
282 V
ms
2.5
200 AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com