Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY2F Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 28Page - Omron Electronics LLC MY2F Datasheet HTML 29Page - Omron Electronics LLC MY2F Datasheet HTML 30Page - Omron Electronics LLC MY2F Datasheet HTML 31Page - Omron Electronics LLC MY2F Datasheet HTML 32Page - Omron Electronics LLC MY2F Datasheet HTML 33Page - Omron Electronics LLC MY2F Datasheet HTML 34Page - Omron Electronics LLC MY2F Datasheet HTML 35Page - Omron Electronics LLC MY2F Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
MY(S)
DIN-rails and Accessories
Supporting DIN-rails
PFP-50N/PFP-100N
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
Safety Precautions
Refer to the Common Relay Precautions.
Refer to Products Related to Common Sockets and DIN Tracks for precautions on the applicable Sockets.
Refer to PYF-
@@-PU/P2RF-@@-PU for precautions on Push-In Plus Terminal Block Sockets.
Handling
For models with a built-in operation indicator, models with a built-in diode, or
high-sensitivity models, check the coil polarity when wiring and wire all
connections correctly (DC operation).
Installation
• There is no specifically required installation orientation, but make sure that
the Relays are installed so that the contacts are not subjected to vibration or
shock in their movement direction.
• Use two M3 screws to attach Flange-mounted models (MY
@F) and tighten the
screws securely (tightening torque: 0.98 N
•m).
Using MY-series Relays with Microloads with
Infrequent Operation
If any standard MY-series Relays (e.g., MY4) are used infrequently to switch
microloads, the contacts may become unstable and eventually result in poor
contact. In this case, we recommend using the MY4Z-CBG Series, which has
high contact reliability for microloads (Refer to page 15.)
About the Built-in Diode and CR Elements
The diode or CR element that are built into the Relay are designed to absorb
the reverse voltage from the Relay coil. If a large surge in voltage is applied to
the diode or CR element from an external source, the element will be destroyed.
If there is the possibility of large voltage surges that could be applied to the
elements from an external source, take any necessary surge absorption
measures.
Latching Levers
• Turn OFF the power supply when operating the latching lever. After you use
the latching lever always return it to its original state.
• Do not use the latching lever as a switch.
• The latching lever can be used for 100 operations min.
Relay Replacement
To replace the Relay, turn OFF the power supply to the load and Relay coil
sides to prevent unintended operation and possible electrical shock.
4.5
15
25
25
10
25
1000 (500) *
25
10
15 (5)
1
35
±0.3
7.3
±0.15
27
±0.15
Note: The figure in the parentheses is for PFP-50N.
29.2
1.5
27
24
16
1
4.5
15
25
25
10
25
1000
25
10
15
35
±0.3
50
11.5
10
10
6.2
1.8
1
35.5 35.3
1.8
1.3
4.8
M4 x 8 pan head screw
M4 spring washer
5
16
12
44.3
16.5
34.8
Precautions for Correct Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com