Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL29S Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LTL29S
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTL29S Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LTL29S Datasheet HTML 7Page - OSRAM GmbH LTL29S Datasheet HTML 8Page - OSRAM GmbH LTL29S Datasheet HTML 9Page - OSRAM GmbH LTL29S Datasheet HTML 10Page - OSRAM GmbH LTL29S Datasheet HTML 11Page - OSRAM GmbH LTL29S Datasheet HTML 12Page - OSRAM GmbH LTL29S Datasheet HTML 13Page - OSRAM GmbH LTL29S Datasheet HTML 14Page - OSRAM GmbH LTL29S Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2006-10-04
14
LB L29S, LT L29S
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components10) page 15 may only be used in life-support devices or systems11) page 15 with the express written approval of
OSRAM OS.
Revision History: 2007-03-01
Previous Version:
2005-10-14
Page
Subjects (major changes since last revision)
Date of change
2, 5
new brightness groups and new ordering codes for true green
2004-10-18
2, 5
new wavelength groups and new ordering codes for true green
2004-11-08
1, 4, 6
Viewing angle at 50 %
I
V
2005-10-14
1, 2
blue obsolete acc. to OS-PD-2006-009
2006-10-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com