Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QMS2E Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QMS2E
Description  Coaxial Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QMS2E Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QMS2E Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QMS2E Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coaxial Switches
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
1
QMS2E
DC~6GHz, SPDT
Features:
Applications:
* Low VSWR
* Wireless
* Low Insertion Loss
* Transmitter
* High Isolation
* Laboratory Test
* Radar
Electrical
Frequency:
DC~6GHz
Impedance:
50Ω
Frequency
range (GHz)
Insertion Loss
(dB)
Isolation (dB)
VSWR
DC~2
0.2
70
1.15
2~4
0.3
60
1.30
4~6
0.5
60
1.50
Voltage*1 (V)
+12
+18
+24
+28
Current
(mA)
Failsafe
275
170
130
115
Latching
100
80
70
60
[1] The voltage can be selected according to user requirements.
Mechanical
Switching Sequence:
Break before Make
Switching Time:
15mS max.
Operation Life:
1M Cycles
Vibration (operating):
20-2000Hz, 10G RMS
Mechanical Shock
(non-operating):
50G, 1/2Sine, 11mS
RF Connectors:
SC Female
Relative Humidity :
5 to 85%
Power Supply & Control
Interface Connectors:
Feed Through/Terminal Post
or D-Sub 9
Environmental
Operating Temperature:
-25~+65
℃
Extended Temperature:
-55~+85
℃
Non-operating Temperature:
-55~+70
℃
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]
Additional Options
TTL: T
Indicators: I
Extended Temperature: Z
Positive Common
Waterproof Sealing Type
How To Order
QMS2E-F-WXYZ
F: Frequency in GHz
W: Actuator Type. Failsafe: 0, Latching: 1.
X: Voltage. +12V: E, +18V: H, +24V: K, +28V: M.
Y: Power Interface. Pin: 0, D-Sub: 1.
Z: Additional Options.
Examples:
To order a SPDT switch, DC-6GHz, Failsafe, +12V, Pin, TTL,
Indicators, specify QMS2E-6-0E0TI.
Customization is available upon request.


Similar Part No. - QMS2E

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QMS21T QUALWAVE-QMS21T Datasheet
173Kb / 1P
Coaxial Switches
Rev 1.2
QMS22 QUALWAVE-QMS22 Datasheet
283Kb / 2P
Coaxial Switches
Rev 1.5
QMS22T QUALWAVE-QMS22T Datasheet
248Kb / 2P
Coaxial Switches
Rev 1.3
QMS24 QUALWAVE-QMS24 Datasheet
264Kb / 2P
Coaxial Switches
Rev 1.1
QMS27 QUALWAVE-QMS27 Datasheet
192Kb / 2P
Coaxial Switches
Rev 1.2
More results

Similar Description - QMS2E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
RF Coaxial Switches (DC to 15 GHz)
MS-136 HIROSE-MS-136 Datasheet
110Kb / 3P
Coaxial Switches
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
Interface Coaxial Switches
logo
Filtronic Compound Semi...
STM2180A FILTRONIC-STM2180A Datasheet
339Kb / 2P
SWITCHES SPDT TO MPDT, MANUAL, COAXIAL
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
Tyco Electronics
024015-000 MACOM-024015-000 Datasheet
119Kb / 1P
COAXIAL PINPAK
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102 Datasheet
113Kb / 1P
A/B COAXIAL SWITCHES,N FEMALE 50 OHMS
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Feature Integration Tec...
PE34586LF FINTEK-PE34586LF Datasheet
299Kb / 1P
COAXIAL
logo
List of Unclassifed Man...
R591 ETC-R591 Datasheet
1Mb / 8P
COAXIAL SUBMINIATURE MULTIPORT SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com