Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH305 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH305
Description  Mini-Silicon NPN Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH305 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH305 Datasheet HTML 1Page - OSRAM GmbH SFH305 Datasheet HTML 2Page - OSRAM GmbH SFH305 Datasheet HTML 3Page - OSRAM GmbH SFH305 Datasheet HTML 4Page - OSRAM GmbH SFH305 Datasheet HTML 5Page - OSRAM GmbH SFH305 Datasheet HTML 6Page - OSRAM GmbH SFH305 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 305
Mini-NPN-Silizium-Fototransistor
Mini-Silicon NPN Phototransistor
Lead (Pb) Free Product - RoHS Compliant
2007-04-18
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 460 nm bis 1060 nm
• Hohe Linearität
• Mini-Bauform
• Gruppiert lieferbar
Anwendungen
• Miniaturlichtschranken
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Fotostrom , E
e= 0.5 mW/cm
2,
λ = 950 nm, V
CE = 5 V
Photocurrent
I
PCE (mA)
SFH 305
Q62702P0836
0.25...1.25
SFH 305-2/3
Q62702P3589
0.25...0.8
Features
• Especially suitable for applications from
460 nm to 1060 nm
• High linearity
• Mini-package
• Available in groups
Applications
• Miniature photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - SFH305

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH305 SIEMENS-SFH305 Datasheet
208Kb / 4P
Mini-Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH305 OSRAM-SFH305 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
logo
ams AG
SFH305 AMSCO-SFH305 Datasheet
1Mb / 16P
Mini-Silicon NPN Phototransistor
Version 1.4 2023-06-06
logo
Siemens Semiconductor G...
SFH305-2 SIEMENS-SFH305-2 Datasheet
208Kb / 4P
Mini-Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH305-2/3 OSRAM-SFH305-2/3 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
More results

Similar Description - SFH305

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH305 SIEMENS-SFH305 Datasheet
208Kb / 4P
Mini-Silicon NPN Phototransistor
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
logo
OSRAM GmbH
SFH-305 OSRAM-SFH-305 Datasheet
304Kb / 10P
Mini-Silicon NPN Phototransistor
logo
ams AG
SFH305 AMSCO-SFH305 Datasheet
1Mb / 16P
Mini-Silicon NPN Phototransistor
Version 1.4 2023-06-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com