Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLG98-P Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLLG98-P
Description  Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 975nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG98-P Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLLG98-P Datasheet HTML 1Page - OSRAM GmbH SPLLG98-P Datasheet HTML 2Page - OSRAM GmbH SPLLG98-P Datasheet HTML 3Page - OSRAM GmbH SPLLG98-P Datasheet HTML 4Page - OSRAM GmbH SPLLG98-P Datasheet HTML 5Page - OSRAM GmbH SPLLG98-P Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPL LG98-P
2007-04-19
5
Ligth-current and voltage-current curves (cw,
20 °C)
Optical spectrum, relative intensity
I
rel vs.
wavelength
λ (15 W cw, 20 °C)
0
0
A
V
OHW02730
0.4
0.8
1.2
1.6
2.0
I
10
20
30
25
W
20
15
10
5
0
V
P
out
OHL01665
0
940
λ
960
980
1000
1020
nm
0.25
0.50
0.75
1.00
%
Irel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com