Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5000 Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # MSO/DPO5000
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5000 Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button MSO/DPO5000 Datasheet HTML 17Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 23Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 24Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
WLAN IEEE802.11n (SV24)
General characteristics
Modulation formats
SISO, OFDM (BPSK, QPSK, 16 or 64QAM)
Measurements and displays
Burst Index, Burst Power, Peak to Average Burst Power, IQ Origin Offset, Frequency Error, Common Pilot Error, Symbol Clock
Error,
RMS and Peak EVM for Pilots/Data, Peak EVM located per Symbol and Subcarrier
Packet Header Format Information
Average Power and RMS EVM per section of the header
WLAN Power vs Time, WLAN Symbol Table, WLAN Constellation
Spectrum Emission Mask 16, Spurious
Error Vector Magnitude (EVM) vs Symbol (or Time), vs Subcarrier (or Frequency)
Mag Error vs Symbol (or Time), vs Subcarrier (or Frequency)
Phase Error vs Symbol (or Time), vs Subcarrier (or Frequency)
WLAN Channel Frequency Response vs Symbol (or Time), vs Subcarrier (or Frequency)
WLAN Spectral Flatness vs Symbol (or Time), vs Subcarrier (or Frequency)
Typical residual EVM - 802.11n
(40 MHz QAM) with
MDO4000B 17
–41 dB typical (5.8 GHz)
-42 dB (2.4 GHz)
(RMS-EVM averaged over 20 bursts, 16 symbols each)
WLAN IEEE802.11ac (SV25)
General characteristics
Modulation formats
SISO, OFDM (BPSK, QPSK, 16/64/256QAM)
Measurements and displays
Burst Index, Burst Power, Peak to Average Burst Power, IQ Origin Offset, Frequency Error, Common Pilot Error, Symbol Clock
Error,
RMS and Peak EVM for Pilots/Data, Peak EVM located per Symbol and Subcarrier
Packet Header Format Information
Average Power and RMS EVM per section of the header
WLAN Power vs Time, WLAN Symbol Table, WLAN Constellation
Spectrum Emission Mask 18, Spurious
Error Vector Magnitude (EVM) vs Symbol (or Time), vs Subcarrier (or Frequency)
Mag Error vs Symbol (or Time), vs Subcarrier (or Frequency)
Phase Error vs Symbol (or Time), vs Subcarrier (or Frequency)
WLAN Channel Frequency Response vs Symbol (or Time), vs Subcarrier (or Frequency)
WLAN Spectral Flatness vs Symbol (or Time), vs Subcarrier (or Frequency)
Typical residual EVM -
802.11ac (160 MHz 256-QAM)
with MDO4000B 19
–37.3 dB (5.8 GHz), RMS-EVM averaged over 20 bursts, 16 symbols each
16
SEM is specified with noise reduction and at least 30 averages for 802.11a/n/ac signals in 5 GHz band. Residual noise performance of the instrument may exceed SEM mask at frequency above 5.85 GHz
17
Signal input power optimized for best EVM
18
SEM is specified with noise reduction and at least 30 averages for 802.11a/n/ac signals in 5 GHz band. Residual noise performance of the instrument may exceed SEM mask at frequency above 5.85 GHz
19
Signal input power optimized for best EVM
Datasheet
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com