Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5000 Datasheet(PDF) 24 Page - TEKTRONIX, INC.

Part # MSO/DPO5000
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5000 Datasheet(HTML) 24 Page - TEKTRONIX, INC.

Back Button MSO/DPO5000 Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 23Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 24Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 25Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 26Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 27Page - TEKTRONIX, INC. MSO/DPO5000 Datasheet HTML 28Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
WiGig 802.11ad (SV30) Measurements
WiGig 802.11ad (SV30)
Measurements
RF output power, Received Channel Power Indicator (RCPI), Frequency Error, Symbol Rate Error, IQ Origin Offset, IQ Gain
Imbalance, IQ Quadrature Error, EVM results for each packet region (STF, CEF, Header and Data), Packet information includes
the Packet type, Preamble, Synchronization Word or Access Code, Packet Header, Payload length and CRC details.
Playback of recorded signals (SV56)
Playback file type
R3F recorded by RSA306, RSA500, or RSA600
Recorded file bandwidth
40 MHz
File playback controls
General: Play, stop, exit playback
Location: Begin/end points of playback settable from 0-100%
Skip: Defined skip size from 73 μs up to 99% of file size
Live rate: Plays back at 1:1 rate to recording time
Loop control: Play once, or loop continuously
Memory requirement
Recording of signals requires storage with write rates of 300 MB/sec. Playback of recorded files at live rates requires storage with
read rates of 300 MB/sec.
General characteristics
CON
Provides Connect to the MDO4000B/C
Update rate
< 0.2 /sec (802.11ac EVM, acq BW: 200 MHz, record length: 400 µs)
Programmatic interface
SCPI-compliant command set. Requires installation of Tektronix Virtual Instrument Software Architecture (VISA) drivers
System requirements
Operating systems
Windows 10 x64
Windows 8 x64
Windows 7 Service Pack 1 x64
Disk space
6 GB free on C: drive
RAM
1 GB (4 GB recommended)
Operation with one of the USB real-time spectrum analyzers has additional requirements. See the related instrument data sheet
for details.
SignalVu-PC-SVE Vector Signal Analysis Software
24 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com