Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5204/B Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # MSO/DPO5204/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5204/B Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  MSO/DPO5204/B Datasheet HTML 1Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 2Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 3Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 4Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Optional applications tailored for your RF
applications
The basic SignalVu-PC enables spectrum analysis, RF power and
statistics, spectrograms, amplitude, frequency and phase vs. time, and
analog modulation measurements. Applications are available for P25,
Bluetooth, LTE, Mapping, Playback of recorded files, WLAN, settling time,
audio, modulation, pulse, and OFDM analysis.
Wideband satellite and point-to-point microwave links can be directly
observed with SignalVu-PC analysis software. Here, general purpose
Digital Modulation Analysis (SVM) is demodulating a 16QAM backhaul link
running at 312.5 MS/s.
Settling time measurements (SVT) are easy and automated. The user can
select measurement bandwidth, tolerance bands, reference frequency
(auto or manual), and establish up to 3 tolerance bands vs. time for Pass/
Fail testing. Settling time may be referenced to external or internal trigger,
and from the last settled frequency or phase. In the illustration, frequency
settling time for a hopped oscillator is measured from an external trigger
point from the device under test.
WLAN transmitter testing
With the WLAN measurement applications, you can perform standards-
based transmitter measurements in the time, frequency, and modulation
domains.
SV23 supports IEEE 802.11a, b, g, j and p signals
SV24 supports 802.11n 20 MHz and 40 MHz SISO signals
SV25 802.11ac 20/40/80/160 MHz SISO signals
SV2C is a bundle of Connect (CON) to MDO4000B/C Series and all the
WLAN measurement applications described above (SV23, SV24 and
SV25)
All modulation formats, as shown in the following table can be measured.
Standard Std PHY
Freq
band(s)
Signal
Modula-
tion
formats
Band-
width
(max)
802.11-
2012 sect
ion
802.11b
DSSS HR/
DSSS
2.4 GHz
DSSS/
CCK
1 -
11 Mbps
DBSK,
DQPSK
CCK5.5M,
CCK11M
20 MHz
16 & 17
802.11g
ERP
2.4 GHz
DSSS/
CCK/
PBCC
1 -
33 Mbps
BPSK
DQPSK
20 MHz
17
802.11a
OFDM
5 GHz
OFDM 64
<54 Mbps
BPSK
QPSK
16QAM
64QAM
20 MHz
18
802.11g
2.4 GHz
20 MHz
19
802.11j/p
5 GHz
5, 10,
20 MHz
18
802.11n
HT
2.4 GHz &
5 GHz
OFDM 64,
128
≤
150 Mbps
BPSK
QPSK
16QAM
64QAM
20 ,
40 MHz
20
802.11ac VHT
5 GHz
OFDM 64,
128, 256,
512
≤
867 Mbps
BPSK
QPSK
16QAM
64QAM
256QAM
20, 40, 80,
160 MHz
22
Datasheet
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com