Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5204/B Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # MSO/DPO5204/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5204/B Datasheet(HTML) 7 Page - TEKTRONIX, INC.

Back Button MSO/DPO5204/B Datasheet HTML 3Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 4Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 9Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 10Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 11Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
WiGig IEEE802.11ad transmitter testing
Playback of recorded files
With SV56, playback of recorded files from one of the USB spectrum
analyzers is possible. Playback of recorded signals can reduce hours of
watching and waiting for a spectral violation to minutes at your desk
reviewing recorded data. Recording length is limited only by storage media
size and recording is a basic feature included in SignalVu-PC. SignalVu-PC
SV56 Playback allows for complete analysis by all SignalVu-PC
measurements, including DPX Spectrogram. Minimum signal duration
specifications are maintained during playback. AM/FM audio demodulation
can be performed. Variable span, resolution bandwidth, analysis length,
and bandwidth are all available. Frequency mask testing can be performed
on recorded signals up to 40 MHz in span, with actions on mask violation
including beep, stop, save trace, save picture, and save data. Portions of
the playback can be selected and looped for repeat examination of signals
of interest. Playback can be skip-free, or time gaps can be inserted to
reduce review time. A Live Rate playback ensures fidelity of AM/FM
demodulation and provides a 1:1 playback vs. actual time. Clock time of the
recording is displayed in the spectrogram markers for correlation to real
world events. In the illustration below, the FM band is being replayed, with
a mask applied to detect spectral violations, simultaneous with listening to
the FM signal at the center frequency of 92.3 MHz.
Signal survey
The signal classification application (SV54) enables expert systems
guidance to aid the user in classifying signals. It provides graphical tools
that allow you to quickly create a spectral region of interest, enabling you to
classify and sort signals efficiently. The spectral profile mask, when overlaid
on top of a trace, provides signal shape guidance, while frequency,
bandwidth, channel number, and location are displayed allowing for quick
checks. WLAN, GSM, W-CDMA, CDMA, Bluetooth standard and enhanced
data rate, LTE FDD and TDD, and ATSC signals can be quickly and simply
classified. Databases can be imported from your H500/RSA2500 signal
database library for easy transition to the new software base.
Above is a typical signal survey. This survey is of a portion of the TV broadcast band,
and 7 regions have been declared as either Permitted, Unknown, or Unauthorized, as
indicated by the color bars for each region.
In this illustration, a single region has been selected. Since we have declared this to be
an ATSC video signal, the spectrum mask for the ATSC signal is shown overlaid in the
region. he signal is a close match to the spectrum mask, including the vestigial carrier at
the lower side of the signal, characteristic of ATSC broadcasts.
SignalVu-PC with mapping can be used to manually indicate the azimuth of
a measurement made in the field, greatly aiding in triangulation efforts. The
addition of a smart antenna able to report its direction to SignalVu-PC
automates this process. Automatically plotting the azimuth/bearing of a
measurement during interference hunting can greatly speed the time spent
searching for the source of interference. Tektronix offers the Alaris DF-
A0047 handheld direction finding antenna with frequency coverage from
20 MHz -8.5 GHz (optional 9 kHz-20 MHz) as part of a complete
interference hunting solution. Azimuth information and the selected
measurement is automatically recorded on the SignalVu-PC Map just by
releasing the control button on the antenna. Full specifications for the DF-
A0047 antenna are available in a separate antenna datasheet available on
www.Tektronix.com.
Datasheet
www.tek.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com