Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5104/B Datasheet(PDF) 22 Page - TEKTRONIX, INC.

Part # MSO/DPO5104/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5104/B Datasheet(HTML) 22 Page - TEKTRONIX, INC.

Back Button MSO/DPO5104/B Datasheet HTML 18Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 23Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 24Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 25Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 26Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
APCO P25 (SV26)
Modulation formats
Phase 1 (C4FM), Phase 2 (HCPM, HDQPSK)
Measurements and displays
RF output power, operating frequency accuracy, modulation emission spectrum,
unwanted emissions spurious, adjacent channel power ratio, frequency deviation,
modulation fidelity, frequency error, eye diagram, symbol table, symbol rate accuracy,
transmitter power and encoder attack time, transmitter throughput delay, frequency
deviation vs. time, power vs. time, transient frequency behavior, HCPM transmitter logical
channel peak adjacent channel power ratio, HCPM transmitter logical channel off slot power,
HCPM transmitter logical channel power envelope, HCPM transmitter logical channel time alignment
Residual modulation fidelity (with
MDO4000B)
Phase 1 (C4FM)
≤1.0% typical
Phase 2 (HCPM)
≤0.5% typical
Phase 2 (HDQPSK)
≤0.5% typical
Adjacent channel power ratio
25 kHz offset from the center
and bandwidth of 6 kHz 20
Phase 1 (C4FM): -76 dBc typical
Phase 2 (HCPM): -74 dBc typical
Phase 2 (HDQPSK): -74 dBc typical
62.5 kHz offset from the center
and bandwidth of 6 kHz
Phase 1 (C4FM): -77 dBc typical
Phase 2 (HCPM): -78 dBc typical
Phase 2 (HDQPSK): -76 dBc typical
Bluetooth (SV27)
Modulation formats
Basic Rate, Bluetooth Low Energy, Enhanced Data Rate - Revision 4.2
Measurements and displays
Peak Power, Average Power, Adjacent Channel Power or InBand Emission mask, -20 dB Bandwidth, Frequency Error, Modulation
Characteristics including ΔF1avg (11110000), ΔF2avg (10101010), ΔF2 > 115 kHz, ΔF2/ΔF1 ratio, frequency deviation vs. time
with packet and octet level measurement information, Carrier Frequency f0, Frequency Offset (Preamble and Payload), Max
Frequency Offset, Frequency Drift f1-f0, Max Drift Rate fn-f0 and fn-fn-5, Center Frequency Offset Table and Frequency Drift table,
color-coded Symbol table, Packet header decoding information, eye diagram, constellation diagram
Output power (Average and Peak
Power)
Level uncertainty
Refer to instrument amplitude and flatness specification
Measurement range
Signal level > -70 dBm (for USB Spectrum Analyzers) and -60 dBm (for MDO4000B)
Modulation Characteristics
(ΔF1avg, ΔF2avg, ΔF2avg/ΔF1avg,
ΔF2max ≥115 kHz)
Deviation range
± 280 kHz
Deviation uncertainty (at
0 dBm)
< 2 kHz + instrument frequency uncertainty (Basic Rate)
< 3 kHz + instrument frequency uncertainty (for USB spectrum analyzers and Low Energy)
< 4 kHz + MDO4000B frequency uncertainty (for MDO4000B and Low Energy)
20
Measured with test signal amplitude adjusted for optimum performance if necessary. Measured with Averaging, 10 waveforms.
SignalVu-PC-SVE Vector Signal Analysis Software
22 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com