Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO5104/B Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # MSO/DPO5104/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5104/B Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button MSO/DPO5104/B Datasheet HTML 19Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 23Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 24Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 25Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 26Page - TEKTRONIX, INC. MSO/DPO5104/B Datasheet HTML 27Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Measurement resolution
10 Hz
Measurement range
Nominal channel frequency ±100 kHz
Initial Carrier Frequency Tolerance
(ICFT)
Measurement uncertainty (at
0 dBm)
< 1 kHz + instrument frequency uncertainty (for USB Spectrum Analyzers)
< 1.5 kHz + MDO4000B frequency uncertainty (for MDO4000B)
Measurement resolution
10 Hz
Measurement range
Nominal channel frequency ±100 kHz
Carrier Frequency Drift (Max freq.
offset, drift f1- f0, max drift fn-f0,
max drift fn-fn-5 (50 μs))
Measurement uncertainty
< 2 kHz + instrument frequency uncertainty (for RSA306 and MDO4000B)
< 1 kHz + instrument frequency uncertainty (for RSA600 and RSA500)
Measurement resolution
10 Hz
Measurement range
Nominal channel frequency ±100 kHz
In-band Emissions and ACP
Level uncertainty
Refer to instrument amplitude and flatness specification
LTE Downlink RF measurements (SV28)
Standard Supported
3GPP TS 36.141 Version 12.5
Frame Format supported
FDD and TDD
Measurements and Displays
Supported
Adjacent Channel Leakage Ratio (ACLR), Spectrum Emission Mask (SEM), Channel Power, Occupied Bandwidth, Power vs. Time
showing Transmitter OFF power for TDD signals and LTE constellation diagram for PSS, SSS with Cell ID, Group ID, Sector ID
and Frequency Error.
ACLR with E-UTRA bands (Typical
Mean, with Noise Correction)
1st Adjacent Channel
60 dB (MDO4000B); 61 dB (RSA600/RSA500); 65 dB (RSA306/B)
2nd Adjacent Channel
65 dB (MDO4000B); 63 dB (RSA600/RSA500); 66 dB (RSA306/B)
Mapping (MAP)
Mapping
Map types directly supported
Pitney Bowes MapInfo (*.mif), Bitmap (*.bmp), Open Street Maps (.osm)
Saved measurement results
Measurement data files (exported results)
Map file used for the measurements
Google earth KMZ file
Recallable results files (trace and setup files)
MapInfo-compatible MIF/MID files
Datasheet
www.tek.com 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com