Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO2000 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # MSO/DPO2000
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO2000 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  MSO/DPO2000 Datasheet HTML 1Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 2Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 3Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 4Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Education
Long Term Evolution (LTE), Cellular
Capture with a variety of tools
Capture once - make multiple measurements without recapturing. Using
oscilloscopes, up to four channels can be captured simultaneously; each of
which can be independently analyzed by SignalVu-PC software. Channels
can be RF, I and Q, or differential inputs. You can also apply math
functions to the acquisition before analysis by SignalVu-PC. Acquisition
lengths vary depending upon the selected capture bandwidth: full-
bandwidth acquisitions can range from 1 ms to 25 ms depending upon
model and option selections. Real-time signal analyzer captures range from
up to 7.15 seconds at maximum acquisition bandwidth to several hours at
reduced bandwidths.
Once captured into memory, SignalVu-PC provides detailed analysis in
multiple domains. The spectrogram display (left panel) shows the frequency
of an 800 MHz wide LFM pulse changing over time. By selecting the point
in time in the spectrogram during the On time of the pulse, the chirp
behavior can be seen as it sweeps from low to high (lower right panel).
Connect with the MDO4000B/C Series
With SignalVu-PC Connect (CON-SVPC), SignalVu-PC extends the
functionality of the Mixed Domain Oscilloscope MDO4000B/C Series and
turns it into the industry's only 1 GHz Vector Signal Analyzer. SignalVu-PC
controls the MDO4000B/C RF section, acquires the vector-calibrated I/Q
data, and makes wide-band, time-correlated, multi-domain measurements.
You can analyze, correlate and troubleshoot issues in time, frequency,
phase, amplitude, and even modulation, since you can acquire up to 1 GHz
of bandwidth in one shot. You can leverage the MDO4000B/C triggering
capability and extend your debugging work into system-level
troubleshooting of your embedded RF devices.
Analyze
SignalVu-PC vector signal analysis software uses the same analysis
capabilities found in the RSA5000 and RSA6000 Series real-time signal
analyzers.
Time-correlated measurements can be made of frequency, phase,
amplitude, and modulation versus time. This is ideal for signal analysis that
includes frequency hopping, pulse characteristics, modulation switching,
settling time, bandwidth changes, and intermittent signals.
Acquisitions from the USB Spectrum Analyzers and all Tektronix MDO/
MSO/DPO Series oscilloscopes, including the spectrum analyzer in the
Mixed Domain Oscilloscope can be analyzed with SignalVu-PC, adding
deep analysis capabilities to these broadband acquisition systems. Signals
acquired with RSAs and Specmon can also be analyzed with all of the post-
acquisition analysis capabilities of those instruments.
Time-correlated, multi-domain view provides a new level of insight into
design or operational problems not possible with conventional analysis
solutions. Here, the hop patterns of a narrowband signal can be observed
using Spectrogram (lower left) and its hop characteristics can be precisely
measured with Frequency vs Time display (upper left). The time and
frequency responses can be observed in the two views on the right as the
signal hops from one frequency to the next. All of the analysis shown above
is available in the free base version of SignalVu-PC.
SignalVu-PC-SVE Vector Signal Analysis Software
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com