Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO2000 Datasheet(PDF) 26 Page - TEKTRONIX, INC.

Part # MSO/DPO2000
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO2000 Datasheet(HTML) 26 Page - TEKTRONIX, INC.

Back Button MSO/DPO2000 Datasheet HTML 20Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 21Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 22Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 23Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 24Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 25Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 26Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 27Page - TEKTRONIX, INC. MSO/DPO2000 Datasheet HTML 28Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Ordering information
Purchasing, licensing, and activation
SignalVu-PC and its applications are available for download at www.tektronix.com/downloads. SignalVu-PCEDU is a bundle version of SignalVu-PC that includes all analysis
applications for educational institutions. Licenses are granted to a single PC.
In December 2015, the license policy and nomenclature was changed for SignalVu-PC and its options. This will be a gradual change with systems running in parallel for both
ordering new capabilities and accessing trial versions of optional licenses.
The legacy system, with SignalVu-PC and its associated options, will continue to be supported in the software, so there is no need to change your current licenses. You will
also be able to use the trial options present in the legacy system for several months after the transition.
The new application licenses offer standard node-locked (NL) licenses, plus new floating licenses (FL) that can be checked in and out of the Tektronix Asset Management
System (Tek AMS) on the Tektronix.com Web site. Trial licenses are also available in the new system on the ordering pages for SignalVu-PC on Tektronix.com.
The new license structure and the old options are shown below.
Legacy SignalVu-PC
option
New application
license
License type
Description
SVA
SVANL-SVPC
NL
AM/FM/PM/Direct Audio analysis
SVAFL-SVPC
FL
SVT
SVTNL-SVPC
NL
Settling Time (frequency and phase) measurements
SVTFL-SVPC
FL
SVM
SVMNL-SVPC
NL
General Purpose Modulation analysis to work with analyzer of acquisition bandwidth
≤40 MHz and MDO4000B/C
SVMFL-SVPC
FL
SVP
SVPNL-SVPC
NL
Pulse Analysis to work with analyzer of acquisition bandwidth ≤40 MHz and MDO4000B/C
SVPFL-SVPC
FL
SVO
SVONL-SVPC
NL
Flexible OFD analysis
SVOFL-SVPC
FL
SV23
SV23NL-SVPC
NL
WLAN 802.11a/b/g/j/p measurement to work with analyzer
SV23FL-SVPC
FL
SV24
SV24NL-SVPC
NL
WLAN 802.11n measurement (requires SV23)
SV24FL-SVPC
FL
SV25
SV25NL-SVPC
NL
WLAN 802.11ac measurement to work with analyzer of acquisition bandwidth ≤40 MHz and
MDO4000B/C (requires SV23 and SV24)
SV25FL-SVPC
FL
SV26
SV26NL-SVPC
NL
APCO P25 measurement
SV26FL-SVPC
FL
SV27
SV27NL-SVPC
NL
Bluetooth measurement to work with analyzer of acquisition bandwidth ≤40 MHz and
MDO4000B/C
SV27FL-SVPC
FL
MAP
MAPNL-SVPC
NL
Mapping
MAPFL-SVPC
FL
SV56
SV56NL-SVPC
NL
Playback of recorded files
SV56FL-SVPC
FL
SV60
SV60NL-SVPC
NL
Return loss, VSWR, cable loss, and distance to fault (requires option 04 on RSA500A/
600A)
SV60FL-SVPC
FL
CON
CONNL-SVPC
NL
SignalVu-PC Connect to the MDO4000B/C series mixed-domain oscilloscopes
CONFL-SVPC
FL
SV2C
SV2CNL-SVPC
NL
WLAN 802.11a/b/g/j/p/n/ac and Connect to MDO4000B/C to work with MDO4000B/C or
analyzer of acquisition bandwidth ≤40 MHz
SV2CFL-SVPC
FL
SignalVu-PC-SVE Vector Signal Analysis Software
26 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com