Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER27
Description  3 kW Full Bridge LLC resonant digital power supply evaluation kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27 Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER27 Datasheet HTML 1Page - STMicroelectronics VIPER27 Datasheet HTML 2Page - STMicroelectronics VIPER27 Datasheet HTML 3Page - STMicroelectronics VIPER27 Datasheet HTML 4Page - STMicroelectronics VIPER27 Datasheet HTML 5Page - STMicroelectronics VIPER27 Datasheet HTML 6Page - STMicroelectronics VIPER27 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
Power ratings:
–
input DC voltage: 375 V to 425 V
–
output voltage: 48 V
–
maximum output current: 62.5 A
–
output power: 3 kW
–
peak efficiency: 95.3%
–
HF transformer isolation voltage: 4 kV
•
Resonant and switching frequencies:
–
max DC-DC switching frequency: 380 kHz (at startup)
–
closed loop switching frequency: 120 kHz to 250 kHz
–
resonant frequency: 175 kHz
•
Protection mechanisms:
–
undervoltage and overvoltage protection on input and output
–
overtemperature protection
–
short-circuit protection
–
forced cooling with air flow speed modulation according to the output power
and temperature
•
Efficiency:
–
adaptive synchronous rectification
–
light load burst mode
•
Digital control with STM32F334 microcontroller
Description
The STEVAL-DPSLLCK1 is a digitally controlled 3 kW full bridge LLC resonant DC-
DC converter with output synchronous rectification. The kit consists of a power board,
digital control board, adapter board, and firmware modules.
The full bridge primary section of the LLC converter is based on MDmesh™ DM2
Power MOSFETs for high efficiency performance. The PWM switching frequency is
digitally controlled to regulate the output voltage. The converter operates at near
resonant frequencies to maximize efficiency and achieve Zero Voltage Switching
(ZVS) over the entire operating range.
The HF transformer provides galvanic isolation and magnetic integration of the
inductive elements for a compact design.
Synchronous rectification (SR) with STripFET™ F7 Power MOSFETs is employed on
the secondary side to reduce conduction losses.
The STM32F334 microcontroller on the digital control board embeds a high
resolution timer for finer regulation and can communicate status information via
USART, CAN, SMBus, and opto-coupled serial communication.
Both the primary and secondary sections are supplied by an off-line flyback circuit
based on VIPer27HD which provides regulated voltages to the control board, the
gate driver ICs and the signal conditioning circuits.
You can connect a PFC to the power board and extend communication and
interfacing with the supplied adapter board.
Product summary
Bill of Materials and Schematics
3 kW power supply
evaluation kit
STEVAL-
DPSLLCK1
Main components and software
STM32F3x4
microcontroller
STM32F334
MDmesh DM2
Power MOSFET
STW70N60DM2
STripFET F7 Power
MOSFET
STP310N10F7
Off-line high voltage
converter
VIPER27
Further reading and support
Applications
Power
Management
Community and
blogs
ST Community
ST blog
3 kW Full Bridge LLC resonant digital power supply evaluation kit
STEVAL-DPSLLCK1
Data brief
DB3560 - Rev 1 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VIPER27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
VIPER27H STMICROELECTRONICS-VIPER27H Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER27HD STMICROELECTRONICS-VIPER27HD Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER27HD STMICROELECTRONICS-VIPER27HD Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
VIPER27HDTR STMICROELECTRONICS-VIPER27HDTR Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
More results

Similar Description - VIPER27

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
Half-bridge LLC Resonant Converter
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
HALF BRIDGE LLC RESONANT TRANSFORMER
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
HALF BRIDGE LLC RESONANT TRANSFORMER
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
LLC resonant half-bridge converter design guideline
17-Mar-2014
logo
List of Unclassifed Man...
QSG104 ETC2-QSG104 Datasheet
340Kb / 5P
FULL-FEATURE REMOTE EVALUATION KIT
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
LLC Current resonant bridge controller
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com