Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER27
Description  3 kW Full Bridge LLC resonant digital power supply evaluation kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27 Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER27 Datasheet HTML 1Page - STMicroelectronics VIPER27 Datasheet HTML 2Page - STMicroelectronics VIPER27 Datasheet HTML 3Page - STMicroelectronics VIPER27 Datasheet HTML 4Page - STMicroelectronics VIPER27 Datasheet HTML 5Page - STMicroelectronics VIPER27 Datasheet HTML 6Page - STMicroelectronics VIPER27 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 4. STEVAL-DPSLLCP1 power board - mechanical parts
ZCL6
Clips TO220
ZISO2
ZCL11
Clips TO220
ZCL9
Clips TO220
ZCL7
ZCL13
ZCL12
Clips TO220
ZCL10
Clips TO220
Clips TO220
Clips TO247
ZCL3
ZCL4
Clips TO247
Clips TO220
ZCL2
Clips TO247
ZCL8
Clips TO220
ZCL5
ZISO1
Clips TO247
ZCL1
Clips TO220
ZW18
ZW15
ZSQ1
1
conic head screw M3X8mm
1
ZGR1
1
ZA2T5
ZA2T6
ZA2T7
ZS14
1
1
ZW13
1
FAN ASSEMBLY PARTS
1
ZW17
1
BRACKET UNIVERSAL .420X.343"
Stainless Steel Plain Washer, 0.5mm Thickness, M3, 304, A2
ZWA16
ZWA17
ZWA18
ZWA19
THI S LENGTH I S
MANDATORY
1
1
ZS17
ZS15
Plain Stainless Steel Internal Tooth Locking & Anti-Vibration Washer, M3, 316, A4
Plain Stainless Steel Internal Tooth Locking & Anti-Vibration Washer, M3, 316, A4
ZA2T1
ZA2T2
ZA2T3
ZA2T4
ZSQ2
ZW19
ZS13
ZS16
ZSQ3
1
ZS18
ZW14
ZS19
ZW16
1
ZGR2
Stainless Steel Plain Washer, 0.5mm Thickness, M3, 304, A2
ZWA13
ZWA14
ZWA15
1
conic head screw M3X6mm
1
1
ZALU1
ZT6
ZT12
ZS23
1
ZT14
ZT15
ZT16
ZW10
ZW8
ZS22
ALUMINIUM ASSEMBLY PARTS
1
ZS8
ZS24
ZS10
1
1
1
ZA2T14
1
Surface: Nickel plated
ZS6
ZT8
ZT9
ZT10
ZS21
1
Surface: Nickel plated
1
Plain Stainless Steel Internal Tooth Locking & Anti-Vibration Washer, M3, 316, A4
conic head screw M3X6mm
ZS9
1
ZT7
1
ZS7
ZW11
ZS12
1
1
ZT17
1
ZW9
ZW12
ZS20
ZW7
ZT11
1
1
ZW6
ZS11
ZWA7
ZWA8
ZWA9
ZWA6
ZWA10
ZWA11
ZWA12
Stainless Steel Plain Washer, 0.5mm Thickness, M3, 304, A2
ZT13
ZA2T8
ZA2T9
ZA2T10
ZA2T11
ZA2T12
ZA2T13
Aluminium_365X140mm
1
1
conic head screw M3X8mm
ZWA1
ZWA2
ZWA3
ZT4
1
ZWA4
ZWA5
ZW1
Brass_Spacer Stud_metric_ internal/internal WA-SBrII
ZS4
ZS5
1
Plain Stainless Steel Internal Tooth Locking & Anti-Vibration Washer, M3, 316, A4
Plexiglass_280X130mm
ZPLEX1
ZW3
Plain Stainless Steel Internal Tooth Locking & Anti-Vibration Washer, M3, 316, A4
ZS1
ZS2
ZS3
ZW4
ZW5
1
ZT2
Stainless Steel Spacer Studs, metric, internal/external WA-SSSIE
Stainless Steel Plain Washer, 0.5mm Thickness, M3, 304, A2
conic head screw M3X6mm
ZT3
1
1
Stainless Steel Plain Washer, 0.5mm Thickness, M3, 304, A2
ZT5
1
ZW2
ZT1
PLEXIGLASS ASSEMBLY PARTS
Figure 5. STEVAL-DPS334C1 control board - MCU and connector schematic
C5
A_GND
TP15
R24
10
PC3
11
A_GND
TP36
R16
100pF
R35
X1
+3.3V
TP13
R28
10
HRTIM_CHA1
ADC2_IN5
HRTIM_CHD2
22pF
PC7
38
U5
PC13
HRTIM_EEV7/SPI1_MISO
3
0
PWM_1
+3.3V
TP8
10
ADC2_IN11/OPAMP2_VINM
GND
5
HRTIM_CHE1
PWM_5
NRST
VOUT
3
VIN
C27
+5V
To pull-up when used for SMBus communication
Digital Power Connector pinout assignment for STM32F334R8T6 MCU
Jumper
+5V
I2C1_SCL/USART3_RX/CAN_RX
42
PA10
PWM_12
DAC1_OUT2/SPI1_SCLK
HRTIM_CHB1
PA1
4.7k
TP14
A_GND
PA8
41
44
PA12
ADC12_IN7
J6
1
TP28
R23
COMP4_OUT/TIM3_CH4
HRTIM_EEV1
TP25
COMP6_OUT/TIM3_CH1/TIM1_CH3N/HRTIM_EEV10
10K
48
GND
C23
100pF
GND
2
22pF
D2
TP11
+3.3V
GND
VDDA
34
PB14
100nF
R34
C15
PF0/OSC-IN
6
TP20
HRTIM_FLT5
C32
HRTIM_CHB1
OSC-IN
R17
FAULT_LED
COMP_1_INP/ADC_11
+
TP32
C11
C20
10
PWM_8
SMBus_SDA/UI_USART_TX
CAN_RX
ADC1_IN3
4.7k
2
100nF
PF1/OSC-OUT
7
15
STM32F334R8T6 (LQFP64)
PA2
2
TP16
R15
ADC12_IN6
NRST
A_GND
COMP6_INP
PB13
Red LED
R29
10
100nF
10
TP5
0
R37
C7
GND
TP2
R19
VDDA/VREF+
Green LED
ADC1_IN1
HRTIM_CHE2
COMP_2_INP/ADC_12/OP-AMP_1+
ADC_8
GND
GND
C22
PC8
R25
10
HRTIM_EEV2
ADC1_IN1
1
6
HRTIM_CHC2
OSC-OUT
SWCLK
PWM_4
TP33
3
Note: Keep ADC traces as short as
possible to connector P1
ANALOG INPUT FILTERS
VOLTAGE REGULATOR
GPIO_5/DAC_1/COMP_4_INP/SPI_NSS
10 HRTIM Outputs on STM32F334
C18
TP4
USART1_TX
PWM_11
+3.3V
GND
TP19
+3.3V
DA108S1
COMP2_INP/ADC2_IN4
VDDA
VDDA
10
100nF
GPIO_2/COMP_2_OUT/GP_PWM_2
VBAT
TP12
DA3
+3.3V
100uF
A_GND
VDDA
PC2
10
I2C1_SDA/USART3_TX/CAN_TX
GND
PWM_2
1
2
A_GND
2
ADC12_IN6
VSS_3
TP31
TP26
R26
10
VDDA
MCU_USART_TX
100pF
HRTIM_CHE2
TP10
HRTIM_CHA2
100pF
HRTIM_CHE1
100pF
R22
10
2
ADC_6/OP-AMP_1-
10
100pF
TP9
ADC1_IN3
PWM_7
DA108S1
A_GND
SMBus_SMBA/SPI_MOSI
HRTIM_CHC1
ADC12_IN8
100pF
J5
1
GND
16
GND CON
Stripline male 2x1 2.54mm
TP22
ADC12_IN7
Blue LED
100pF
LD1117
1
GND
EXT SUPPLY
I2C1_SCL/USART3_RX/CAN_RX
TP29
C29
PB12
33
GND
47
GND
100pF
TP1
TP23
100pF
TP3
R33
+3.3V
ADC_7/COMP_2_INM
ADC_9
100
+3.3V
R32
10
GND
TP35
J7
TP6
SWDIO
TP37
ADC_1/DIFF_ADC_1+
ADC_2/DIFF_ADC_1-/OP-AMP_2+
ADC_3/DIFF_ADC_2+/OP-AMP_2_OUT/COMP_1_NM
C30
100pF
100nF
1.5 Ohm 215 mA
C31
J3
MCU_USART_RX
I2C1_SDA/USART3_TX/CAN_TX
USART1_RX
ADC1_IN2
TP27
U4
PWM_10
C10100nF
C28
7
GND
TP17
R36
DA2
8MHz HC49/US
ADC1_IN4
C26
A_GND
SWD - USER COMMUNICATION
COMP_3_INP
PC13
8
PC0
GND
1
PWM_3
C12
C25
C13
PC1
9
A_GND
I2C1_SDA/USART3_TX/CAN_TX
1
36
45
PA13
46
PC6
37
+3.3V
GPIO_6/DAC_2/SPI_SCLK
GPIO_7/DAC_3/OP-AMP_1_OUT
GPIO_8/EEV_2
GPIO_9/EEV_3/SPI_MISO
GPIO_10/DAC_4
HRTIM_CHA2
COMP2_OUT/HRTIM_FLT1
COMP2_OUT/HRTIM_FLT1
A_GND
39
PC9
40
SWDIO
DAC1_OUT1/SPI1_NSS
DAC2_OUT1
4
R18
ADC_10
HRTIM_CHD1
100pF
R27
100uF
R31
2
SWD/COM
R30
10
HRTIM_CHD2
PWM_6
TP24
DA1
I2C1_SMBA/SPI1_MOSI
HRTIM_CHA1
C24
HRTIM_CHB2
TP18
FAULT_LED
C14
+
+5V
PC14/OSC32_IN
4
C8
4th DAC channel not available
100nF
U3
ADC12_IN8
A_GND
GND
+3.3V
A_VDD
I2C1_SMBA
SMBus_SCL/UI_USART_RX
43
PA11
COMP4_INP/ADC1_IN11/OPAMP2_VINP
HRTIM_CHB2
GPIO_1/COMP_3_OUT/GP_PWM_1/EEV_4
A_GND
+5V
VDDA
STATUS_LED
D3
86
PA9
12
VSSA/VREF-
100nF
C9
HRTIM_CHD1
+3.3V
VDD_3
HRTIM_FLT5
HRTIM_CHC2
GND
D1
10
C6
TP21
C33
L1
PC15/OSC32_OUT
5
GND
J4
100nF
TP34
35
PB15
10
C21
ADC2_IN12
ADC1_IN2
HRTIM_CHC1
TP7
100pF
PC13
COMP6_OUT/TIM3_CH1/TIM1_CH3N/HRTIM_EEV10
+
GND
9
CAN_TX
NRST
PA0
14
DA108S1
ADC_5
PWM_9
8
13
GND
ADC_4/DIFF_ADC_2-/OP-AMP_2-
BAR43S
2
1
I2C1_SCL/USART3_RX/CAN_RX
FAULT_1
GPIO_3/COMP_1_OUT/FAULT_2
GPIO_4/EEV_1
VDDA
TP30
GND
25B
7A
7A
GPIO_6/DAC_2/SPI_SCLK
GPIO_8/EEV_2
GPIO_10/DAC_4
+5V
14B
15A
26A
27A
31A
21B
22A
18B
19A
9B
4A
4B
GND
20A
20B
27A
28A
Digital Power Connector
25A
25B
GND_iso
GPIO_1/COMP_3_OUT/GP_PWM_1/EEV_4
PWM_10
PWM_12
GPIO_3/COMP_1_OUT/FAULT_2
19A
19B
USART_TX_iso
28A
29A
CAN_TX
SMBus_SCL/UI_USART_RX
SMBus_SDA/UI_USART_TX
2B
15B
16A
ADC_7/COMP_2_INM
GND
7B
7B
P1
23B
24A
9B
10A
4A
23A
23B
17B
18A
+3.3V_iso
29A
30A
31B
32B
6A
6B
6B
22B
23A
GPIO_7/DAC_3/OP-AMP_1_OUT
GPIO_9/EEV_3/SPI_MISO
ADC_1/DIFF_ADC_1+
10A
10B
2A
2A
12A
12B
26B
3B
3B
24A
24B
18A
18B
30A
32A
17A
17B
+3.3V
USART_RX_iso
ADC_2/DIFF_ADC_1-/OP-AMP_2+
ADC_3/DIFF_ADC_2+/OP-AMP_2_OUT/COMP_1_NM
15A
15B
A_GND
10B
11A
FAULT_1
PWM_1
2B
1A
1A
16A
16B
28B
30B
11A
11B
26B
29B
8A
8A
20B
21A
13A
13B
5B
6A
SMBus_SMBA/SPI_MOSI
24B
25A
32A
31B
14A
14B
3A
COMP_1_INP/ADC_11
COMP_3_INP
22A
22B
30B
26A
27B
28B
32B
31A
19B
20A
5B
11B
12A
A_VDD
8B
8B
12B
13A
1B
1B
ADC_4/DIFF_ADC_2-/OP-AMP_2-
ADC_5
ADC_6/OP-AMP_1-
COMP_2_INP/ADC_12/OP-AMP_1+
ADC_8
ADC_9
ADC_10
PWM_2
PWM_4
PWM_6
PWM_8
CAN_RX
PWM_3
PWM_5
PWM_7
PWM_9
13B
14A
3A
21A
21B
GPIO_4/EEV_1
GPIO_5/DAC_1/COMP_4_INP/SPI_NSS
29B
27B
4B
5A
5A
PWM_11
GPIO_2/COMP_2_OUT/GP_PWM_2
9A
9A
16B
17A
STEVAL-DPSLLCK1
STEVAL-DPSLLCK1 schematics
DB3560 - Rev 1
page 4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com