Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X76F200PI Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X76F200PI
Description  Secure Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F200PI Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X76F200PI Datasheet HTML 1Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 2Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 3Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 4Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 5Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 6Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 7Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 8Page - IC MICROSYSTEMS X76F200PI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This X76F200 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
©
Xicor, Inc. 1999 Patents Pending
9900-5004.3 1/26/99 EP
1
Characteristics subject to change without notice
2K
X76F200
256 x 8 bit
Functional Diagram
Secure Serial Flash
FEATURES
•64-bit Password Security
•One Array (240 Bytes) Two Passwords (16 Bytes)
—Read Password
—Write Password
•Programmable Passwords
•Retry Counter Register
—Allows 8 tries before clearing of the array
•32-bit Response to Reset (RST Input)
•8 byte Sector Write mode
•1MHz Clock Rate
•2 wire Serial Interface
•Low Power CMOS
—2.0 to 5.5V operation
—Standby current Less than 1µA
—Active current less than 3 mA
•High Reliability Endurance:
—100,000 Write Cycles
•Data Retention: 100 years
•Available in:
—8 lead PDIP, SOIC, TSSOP, Smart Card and
Smart Card Module
DESCRIPTION
The X76F200 is a Password Access Security Supervisor,
containing one 1920-bit Secure Serial Flash array.
Access to the memory array can be controlled by two
64-bit passwords. These passwords protect read and
write operations of the memory array.
The X76F200 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a
bidirectional data input and output (SDA).
The X76F200 also features a synchronous response to reset
providing an automatic output of a hard-wired 32-bit
data stream conforming to the industry standard for
memory cards.
The X76F200 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000 cycles and
a minimum data retention of 100 years.
LOGIC
CS
SCL
SDA
RST
INTERFACE
8K BYTE
DATA TRANSFER
ARRAY ACCESS
ENABLE
RESET
RESPONSE REGISTER
PASSWORD ARRAY
AND PASSWORD
VERIFICATION LOGIC
CHIP ENABLE
RETRY COUNTER
SerialFlash ARRAY
32 BYTE
SerialFlash ARRAY
ARRAY 0
ARRAY 1
(PASSWORD PROTECTED)
7025 FM 01
Retry Counter
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X76F200PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200PI XICOR-X76F200PI Datasheet
77Kb / 16P
Secure SerialFlash
X76F200PI-2.0 XICOR-X76F200PI-2.0 Datasheet
77Kb / 16P
Secure SerialFlash
More results

Similar Description - X76F200PI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
RF SECURE ACCESS Serial E2PROM
logo
IC MICROSYSTEMS
X76F640 ICMIC-X76F640 Datasheet
350Kb / 17P
Secure Serial Flash
X76F641 ICMIC-X76F641 Datasheet
153Kb / 17P
Secure Serial Flash
logo
Macronix International
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
SECURE SERIAL FLASH SPECIFICATION
logo
ORing Industrial Networ...
IDS-4312 ORING-IDS-4312 Datasheet
270Kb / 5P
Industrial 1 secure serial port
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com