Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC2510 Datasheet(PDF) 1 Page - SYC Electronica

Part # KBPC2510
Description  VOLTAGE RANGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

KBPC2510 Datasheet(HTML) 1 Page - SYC Electronica

  KBPC2510 Datasheet HTML 1Page - SYC Electronica KBPC2510 Datasheet HTML 2Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UGEJPKECN TRGEKHKECUKQPTQH TKPING3RJCTG TKNKEQP DSKFIG SGEUKHKGS
HGCUVSGT
0 O`m\f ^\l` aik O\qdgng J`\m Fdlldj\mdih
0 Tnkb` io`kfi\_ k\mdhbl3:66 Cgj`k`l
OCYKOVO SCUKPIT CPF GNGEUSKECN EJCSCEUGSKTUKET
S\mdhbl \m 8; iE \g]d`hm m`gj`k\mnk` nhf`ll imc`kpdl` lj`^dad`_4
Tdhbf` jc\l`2 c\fa p\o`2 <6 Js2 k`ldlmdo` ik dh_n^mdo` fi\_4
Hik ^\j\^dmdo` fi\_2 _`k\m` ^nkk`hm ]r 86-4
OD38;
0 E\l`@ O`m\f2 `f`^mkd^\ffr dlif\m`_
OGEJCPKECN FCUC
0 Gjiqr@ VN ?:W36 k\m` af\g` k`m\k_\hm
0 U`kgdh\fl@ Rf\m`_ 48;,.<49;gg/ H\lmih fnbl2 lif_`k\]f` j`k
OKN3TUF3868G2 O`mci_ 86> bn\k\hm``_
0 Rif\kdmr@ Cl g\ke`_
0 Oinhmdhb jildmdih@ Chr
0 X`dbcm@ 96 bk\gl
WQNUCIG SCPIG 3 ;6 mi 7666 Wifml
EVSSGPU 3 8; Cgj`k`l
Fdg`hldihl dh dh^c`l \h_ .gdffdg`m`kl/
UZR
O\qdgng S`^nkk`hm R`\e S`o`kl` Wifm\b`
O\qdgng SOT Dkd_b` Khjnm Wifm\b`
O\qdgng FE Dfi^edhb Wifm\b`
R`\e Hikp\k_ Tnkb` Enkk`hm >49 gl ldhbf` c\fa ldh`3p\o`
lnj`kdgjil`_ ih k\m`_ fi\_ .LGFGE O`mci_/
TZODQN
WSSO
WFE
KQ
KHTO
WSOT
Wifml
Wifml
Cgjl
8;
:66
VPKUT
O\qdgng Co`k\b` Hikp\k_ S`^mdad`_ Qnmjnm Enkk`hm \m U^ A ;;iE
;6
866
:66
766
<66
>66
7666
9;
7:6
8>6
=6
:86
;<6
=66
;6
866
:66
766
<66
>66
7666
Wifml
Cgjl
OD8;6;
OD8;8 OD8;:
OD8;7
OD8;<
OD8;> OD8;76
FE Dfi^edhb Wifm\b` j`k `f`g`hm
WH
KS
747
;66
nCgjl
O\qdgng FE S`o`kl` Enkk`hm \m S\m`_
O\qdgng Hikp\k_ Wifm\b` Fkij j`k `f`g`hm \m 784;C FE
Wifml
BUC A8;iE
BU A 766iE
76
Qj`k\mdhb \h_ Tmik\b` U`gj`k\mnk` S\hb`
UL2UTUI
3;; mi 1 7;6
6
E
K8m S\mdhb aik Hnldhb .m<>49gl/
K8m
9=:
C8T`^
Urjd^\f Lnh^mdih E\j\^dm\h^` . Pim`7/
EL
966
jH
Urjd^\f Uc`kg\f S`ldlm\h^` .Pim` 8/
S-LE
84;
6E5X
PQUGT @ 74O`\lnk`_ \m 7 OJ[ \h_ \jjfd`_ k`o`kl` oifm\b` ia :46 oifml
84 Uc`kg\f S`ldlm\h^` akig Lnh^mdih mi E\l` j`k f`b4
MDRE
MDRE
MDRE
MDRE
MDRE
MDRE
MDRE
8;66;
8;67
8;68
8;6:
8;6<
8;6>
8;76
C
0 Nip aikp\k_ oifm\b` _kij
KBPC2510


Similar Part No. - KBPC2510

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2510 WTE-KBPC2510 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC2510 SEMTECH-KBPC2510 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC2510 SSE-KBPC2510 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC2510 CHENYI-KBPC2510 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC2510 DCCOM-KBPC2510 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC2510

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
BR305 WILLAS-BR305 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
BR1005 WILLAS-BR1005 Datasheet
340Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
FR301 WILLAS-FR301 Datasheet
280Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
logo
Rectron Semiconductor
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com