Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6012CDWP Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 5 Page - Texas Instruments

  THS6012CDWP Datasheet HTML 1Page - Texas Instruments THS6012CDWP Datasheet HTML 2Page - Texas Instruments THS6012CDWP Datasheet HTML 3Page - Texas Instruments THS6012CDWP Datasheet HTML 4Page - Texas Instruments THS6012CDWP Datasheet HTML 5Page - Texas Instruments THS6012CDWP Datasheet HTML 6Page - Texas Instruments THS6012CDWP Datasheet HTML 7Page - Texas Instruments THS6012CDWP Datasheet HTML 8Page - Texas Instruments THS6012CDWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VO(PP) = 20 V
-65
VCC = ±15 V,
RF = 680 Ω,
G = 2,
f = 1 MHz
VO(PP) = 2 V
-79
THD
Total harmonic distortion
dBc
VCC = ±5 V,
RF = 680 Ω,
VO(PP) = 2 V
-76
G = 2,
f = 1 MHz
VCC = ±5 V or ±15 V, f = 10 kHz, G = 2, Single-
Vn
Input voltage noise
1.7
nV/
√Hz
ended
Positive (IN+)
11.5
Input noise
In
VCC = ±5 V or ±15 V, f = 10 kHz, G = 2
pA/
√Hz
current
Negative (IN-)
16
VCC = ±5 V
0.04%
G = 2,
NTSC, 40 IRE
AD
Differential gain error
RL = 150 Ω,
Modulation
VCC = ±15 V
0.05%
VCC = ±5 V
0.07°
G = 2,
NTSC, 40 IRE
φD
Differential phase error
RL = 150 Ω,
Modulation
VCC = ±15 V
0.08°
Crosstalk
Driver to driver
VI = 200 mV,
f = 1 MHz
-62
dB
DC PERFORMANCE
VCC = ±5 V
1.5
Open loop transresistance
M
Ω
VCC = ±15 V
5
TA = 25°C
2
5
VIO
Input offset voltage
VCC = ±5 V or ±15 V
mV
TA = full range
7
Input offset voltage drift
VCC = ±5 V or ±15 V,
TA = full range
20
μV/°C
TA = 25°C
1.5
4
Differential input offset voltage
VCC = ±5 V or ±15 V
mV
TA = full range
5
TA = 25°C
3
9
Negative
μA
TA = full range
12
TA = 25°C
4
10
IIB
Input bias current
Positive
VCC = ±5 V or ±15 V
μA
TA = full range
12
TA = 25°C
1.5
8
Differential
μA
TA = full range
11
Differential input offset voltage drift VCC = ±5 V or ±15 V,
TA = full range
10
μV/°C
INPUT CHARACTERISTICS
VCC = ±5 V
±3.6
±3.7
Common-mode input voltage
VICR
V
range
VCC = ±15 V
±13.4
±13.5
Common-mode rejection ratio
62
70
CMRR
VCC = ±5 V or ±15 V,
TA = full range
dB
Differential common-mode
100
rejection ratio
RI
Input resistance
300
k
Ω
CI
Differential input capacitance
1.4
pF
OUTPUT CHARACTERISTICS
3 to
3.2 to
VCC = ±5 V
-2.8
-3
Single ended
RL = 25 Ω
V
11.8 to -
12.5 to -
VCC = ±15 V
11.5
12.2
Output voltage
VO
swing
6 to
6.4 to
VCC = ±5 V
-5.6
-6
Differential
RL = 50 Ω
V
23.6 to -
25 to -
VCC = ±15 V
23
24.4
RL = 5 Ω,
VCC = ±5 V
500
IO
Output current(2)
mA
RL = 25 Ω,
VCC = ±15 V
400
500
(2)
A heat sink is required to keep the junction temperature below absolute maximum when an output is heavily loaded or shorted. See
absolute maximum ratings and Thermal Information section.
Copyright © 1998–2012, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com