Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6012CDWP Datasheet(PDF) 7 Page - Texas Instruments

Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 3Page - Texas Instruments THS6012CDWP Datasheet HTML 4Page - Texas Instruments THS6012CDWP Datasheet HTML 5Page - Texas Instruments THS6012CDWP Datasheet HTML 6Page - Texas Instruments THS6012CDWP Datasheet HTML 7Page - Texas Instruments THS6012CDWP Datasheet HTML 8Page - Texas Instruments THS6012CDWP Datasheet HTML 9Page - Texas Instruments THS6012CDWP Datasheet HTML 10Page - Texas Instruments THS6012CDWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
VCC − Supply Voltage − V
5
6
7
8
11
12
10
9
0
−5
−10
−15
10
5
TA = 25°C
RF = 1 kΩ
RL = 25 Ω
Gain = 1
14
15
13
15
10
100
1000
RL − Load Resistance − Ω
15
5
−5
−15
10
0
−10
VCC = ±15 V
VCC = ±5 V
TA = 25°C
RF = 1 kΩ
Gain = 1
VCC = ±5 V
VCC = ±15 V
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
FIGURE
PSRR
Power supply rejection ratio
vs Free-air temperature
9
Closed-loop output impedance
vs Frequency
10
vs Supply voltage
11
ICC
Supply current
vs Free-air temperature
12
SR
Slew rate
vs Output step
13, 14
Vn
Input voltage noise
vs Frequency
15
In
Input current noise
vs Frequency
Normalized frequency response
vs Frequency
16, 17
Output amplitude
vs Frequency
18 - 21
Normalized output response
vs Frequency
22 - 25
Small and large frequency response
26, 27
vs Frequency
28, 29
Single-ended harmonic distortion
vs Output voltage
30, 31
DC input offset voltage
32, 33
Differential gain
Number of 150-
Ω loads
34, 35
DC input offset voltage
32, 33
Differential phase
Number of 150-
Ω loads
34, 35
Output step response
36 - 38
PEAK-TO-PEAK OUTPUT VOLTAGE
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 3.
Figure 4.
Copyright © 1998–2012, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com