Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWF65G Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LWF65G
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWF65G Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LWF65G Datasheet HTML 3Page - OSRAM GmbH LWF65G Datasheet HTML 4Page - OSRAM GmbH LWF65G Datasheet HTML 5Page - OSRAM GmbH LWF65G Datasheet HTML 6Page - OSRAM GmbH LWF65G Datasheet HTML 7Page - OSRAM GmbH LWF65G Datasheet HTML 8Page - OSRAM GmbH LWF65G Datasheet HTML 9Page - OSRAM GmbH LWF65G Datasheet HTML 10Page - OSRAM GmbH LWF65G Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Vorläufige Daten / Preliminary Data
LW F65G
2007-02-15
7
Operation conditions
I
F
[mA]
V
F
2)
[V]
Flash Duration
(T
a = 25°C)
[ms]
Flash Interval
[s]
typ.
max.
350
3.2
3.8
DC
-
500
3.4
4.0
DC
-
700
3.6
4.2
500
3
1000
3.8
4.5
300
3
1500
4.3
4.9
50
3
Illuminance - Flash operation
I
F
[mA]
Phiv (typ.)
2)
[lm]
E
V in 1m
[lux]
E
V in 1.5m
[lux]
E
V in 2m
[lux]
350
48.5
34.5
15.0
8.5
500
60.0
42.5
19.0
10.0
700
73.0
52.0
23.0
12.5
1000
81.0
58.0
25.5
14.5
1500
92.5
66.0
29.5
16.5
Exemplary median Lifetime
2) page 19
for Strobe Applications
Conditions
median Lifetime
Unit
1000 mA
D = 0.1
t
pulse = 0.3 s
T
A = 25°C
>30.000
Flashes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com