Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWF65G Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWF65G
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWF65G Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWF65G Datasheet HTML 6Page - OSRAM GmbH LWF65G Datasheet HTML 7Page - OSRAM GmbH LWF65G Datasheet HTML 8Page - OSRAM GmbH LWF65G Datasheet HTML 9Page - OSRAM GmbH LWF65G Datasheet HTML 10Page - OSRAM GmbH LWF65G Datasheet HTML 11Page - OSRAM GmbH LWF65G Datasheet HTML 12Page - OSRAM GmbH LWF65G Datasheet HTML 13Page - OSRAM GmbH LWF65G Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Vorläufige Daten / Preliminary Data
LW F65G
2007-02-15
10
Durchlassstrom
2) Seite 19
Forward Current
2) page 19
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2)
page 15
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 19
Relative Luminous Flux
2) 7) page 19
Φ
V/ΦV
(700 mA) = f (IF); TA = 25 °C
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2)
page 15
x, y = f (T
j); IF = 700 mA
3.5
2
2.0
10
1
10
3.0
2.5
10
3
mA
4.5
4.0 V
OHL02520
5
5
V
F
F
I
-0.02
0
I
F
OHL02806
mA
Cx,
∆
Cy
∆
-0.01
0
0.01
0.02
0.03
0.05
200
400
600
800
1200
Cx
Cy
V (700 mA)
V
I
F
10
1
10
2
10
3
mA
5
5
OHL02688
Φ
Φ
0
10
-1
10
2
-0.012
-60
OHL02809
˚C
-40 -20
0
20 40 60
100
j
T
-0.010
-0.008
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.010
Cx,
∆
Cy
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com