Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24645FS Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X24645FS
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645FS Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X24645FS Datasheet HTML 7Page - IC MICROSYSTEMS X24645FS Datasheet HTML 8Page - IC MICROSYSTEMS X24645FS Datasheet HTML 9Page - IC MICROSYSTEMS X24645FS Datasheet HTML 10Page - IC MICROSYSTEMS X24645FS Datasheet HTML 11Page - IC MICROSYSTEMS X24645FS Datasheet HTML 12Page - IC MICROSYSTEMS X24645FS Datasheet HTML 13Page - IC MICROSYSTEMS X24645FS Datasheet HTML 14Page - IC MICROSYSTEMS X24645FS Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X24645
11
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
X24645 .......................................–65°C to +135°C
Storage Temperature ........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS .................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature (Soldering,
10 seconds)
.............................. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
D.C. OPERATING CHARACTERISTICS
2783 FRM T06.2
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
2783 FRM T07.1
Notes: (1)Must perform a stop command prior to measurement.
(2)VIL min. and VIH max. are for reference only and are not 100% tested. (3)This
parameter is periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
mA
SCL = VCC X 0.1/VCC X 0.9 Levels @
100KHz, SDA = Open, All Other
Inputs =
VSS or VCC – 0.3V
ICC2
VCC Supply Current (Write)
3
mA
ISB1 (1)
VCC Standby Current
50
∝
A
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 5V ± 10%
ISB2 (1)
VCC Standby Current
1
∝
A
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 2.7V
ILI
Input Leakage Current
10
∝
A
VIN = VSS to VCC
ILO
Output Leakage Current
10
∝
A
VOUT = VSS to VCC
VlL(2)
Input LOW Voltage
–1
VCC x 0.3
V
VIH(2)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA, VCC = 4.5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (S1, S2, SCL)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
2783 FRM T04
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
2783 FRM T05
Supply Voltage
Limits
X24645
4.5V to 5.5V
X24645-2.7
2.7V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com