Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24645FS Datasheet(PDF) 13 Page - IC MICROSYSTEMS

Part # X24645FS
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645FS Datasheet(HTML) 13 Page - IC MICROSYSTEMS

Back Button X24645FS Datasheet HTML 9Page - IC MICROSYSTEMS X24645FS Datasheet HTML 10Page - IC MICROSYSTEMS X24645FS Datasheet HTML 11Page - IC MICROSYSTEMS X24645FS Datasheet HTML 12Page - IC MICROSYSTEMS X24645FS Datasheet HTML 13Page - IC MICROSYSTEMS X24645FS Datasheet HTML 14Page - IC MICROSYSTEMS X24645FS Datasheet HTML 15Page - IC MICROSYSTEMS X24645FS Datasheet HTML 16Page - IC MICROSYSTEMS X24645FS Datasheet HTML 17Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X24645
13
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
erase/program cycle. During the write cycle, the
X24645 bus interface circuits are disabled, SDA is
allowed to remain HIGH, and the device does not
respond to its slave address.
Bus Timing
2783 ILL F17
t
SU:STA
t
HD:STA
t
HD:DAT
t
SU:DAT
t
LOW
t
SU:STO
t
R
t
BUF
SCL
SDA IN
SDA OUT
t
DH
t
AA
t
F
t
HIGH
Write Cycle Limits
2783 FRM T11
Symbol
Parameter
Min.
Typ.
(5)
Max.
Units
TWR(6)
Write Cycle Time
5
10
ms
Bus Timing
2783 ILL F18
SCL
SDA
8th BIT
WORD n
ACK
t
WR
STOP
CONDITION
START
CONDITION
Notes: (5)Typical values are for TA = 25°C and nominal supply voltage (5V).
(6)tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
Guidelines for Calculating Typical Values of
Bus Pull-Up Resistors
2783 ILL F19
120
100
80
40
60
20
20
40
60
80100120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
R
MAX
=
C
BUS
t
R
R
MIN
=
I
OL MIN
V
CC MAX
=1.8KΟ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com